Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLSX4378A Datasheet(PDF) 7 Page - ON Semiconductor

Part No. NLSX4378A
Description  4-Bit 24 Mb/s Dual-Supply Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4378A Datasheet(HTML) 7 Page - ON Semiconductor

  NLSX4378A Datasheet HTML 1Page - ON Semiconductor NLSX4378A Datasheet HTML 2Page - ON Semiconductor NLSX4378A Datasheet HTML 3Page - ON Semiconductor NLSX4378A Datasheet HTML 4Page - ON Semiconductor NLSX4378A Datasheet HTML 5Page - ON Semiconductor NLSX4378A Datasheet HTML 6Page - ON Semiconductor NLSX4378A Datasheet HTML 7Page - ON Semiconductor NLSX4378A Datasheet HTML 8Page - ON Semiconductor NLSX4378A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NLSX4378A
www.onsemi.com
7
TEST SETUPS
NLSX4378A
EN
I/O VL
VL
VCC
CLOAD
tRISE/FALL v
3 ns
I/O VL
I/O VCC
tPD_VL−VCC
90%
50%
10%
90%
50%
10%
tPD_VL−VCC
tF−VCC
tR−VCC
Figure 2. Rail−to−Rail Driving I/O VL
I/O VCC
NLSX4378A
EN
I/O VL
VL
VCC
CLOAD
Source
tRISE/FALL v 3 ns
I/O VCC
I/O VL
tPD_VCC−VL
90%
50%
10%
90%
50%
10%
tPD_VCC−VL
tF−VL
tR−VL
I/O VCC
Source
Figure 3. Rail−to−Rail Driving I/O VCC
NLSX4378A
EN
I/O VL
VL
VCC
Figure 4. Open−Drain Driving I/O VL
I/O VCC
NLSX4378A
EN
VL
VCC
I/O VCC
Figure 5. Open−Drain Driving I/O VCC
Figure 6. Definition of Timing Specification Parameters
CLOAD
VCC
CLOAD
RLOAD
RLOAD
RLOAD
RLOAD


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn