Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXMA2104 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FXMA2104
Description  Dual-Supply, 4-Bit Voltage Translator / Buffer / Repeater / Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXMA2104 Datasheet(HTML) 2 Page - ON Semiconductor

  FXMA2104 Datasheet HTML 1Page - ON Semiconductor FXMA2104 Datasheet HTML 2Page - ON Semiconductor FXMA2104 Datasheet HTML 3Page - ON Semiconductor FXMA2104 Datasheet HTML 4Page - ON Semiconductor FXMA2104 Datasheet HTML 5Page - ON Semiconductor FXMA2104 Datasheet HTML 6Page - ON Semiconductor FXMA2104 Datasheet HTML 7Page - ON Semiconductor FXMA2104 Datasheet HTML 8Page - ON Semiconductor FXMA2104 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
July 2012
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXMA2104 • Rev. 1.0.1
FXMA2104
Dual-Supply, 4-Bit Voltage Translator / Buffer /
Repeater / Isolator for Open-Drain Applications
Features
Bi-Directional Interface between Any Two Levels:
1.65V to 5.5V
Direction Control not Needed
System GPIO Resources Not Required when OE
Tied to VCCA
I2C 400pF Buffer / Repeater
I2C-Bus® Isolation
A/B Port V
OL = 175mV (Typical), VIL = 150mV,
IOL = 6mA
Open-Drain Inputs / Outputs
Accommodates Standard-Mode and Fast-Mode
I
2C-Bus Devices
Supports I2C Clock Stretching & Multi-Master
Fully Configurable: Inputs and Outputs Track V
CC
Non-Preferential Power-Up; Either V
CC May Be
Powered-Up First
Outputs Switch to 3-State if Either V
CC is at GND
Tolerant Output Enable: 5V
Packaged in 12-Lead Ultrathin MLP
(1.8mm x 1.8mm)
ESD Protection Exceeds:
- 5kV HBM ESD (per JESD22-A114)
- 2kV CDM (per JESD22-C101)
Description
The
FXMA2104
is
a
4-bit
high-performance,
configurable dual-voltage supply, open-drain translator
for bi-directional voltage translation over a wide range of
input and output voltages levels.
Intended for use as a voltage translator in applications
using the I
2C-Bus® interface, the input and output
voltage
levels
are
compatible
with
I
2C device
specification voltage levels. External pull-up resistors
are required.
The device is designed so that the A port tracks the
VCCA level and the B port tracks the VCCB level. This
allows for bi-directional A/B port voltage translation
between any two levels from 1.65V to 5.5V. VCCA can
equal VCCB from 1.65V to 5.5V.
Non-preferential power-up means either VCC can be
powered-up first. Internal power-down control circuits
place the device in 3-state if either VCC is removed.
The two ports of the device have automatic direction-
sense capability. Either port may sense an input signal
and transfer it as an output signal to the other port.
Ordering Information
Part Number
Operating
Temperature
Range
Top
Mark
Package
Packing
Method
FXMA2104UMX
-40 to +85°C
BX
12-Lead, Ultrathin, MLP, 1.8mm x 1.8mm
5000 Units on
Tape and Reel


Similar Part No. - FXMA2104

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXMA2104 FAIRCHILD-FXMA2104 Datasheet
1Mb / 15P
   Dual-Supply, 4-Bit Voltage Translator / Buffer / Repeater
More results

Similar Description - FXMA2104

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXMA2104 FAIRCHILD-FXMA2104 Datasheet
1Mb / 15P
   Dual-Supply, 4-Bit Voltage Translator / Buffer / Repeater
FXMA2102 FAIRCHILD-FXMA2102 Datasheet
1Mb / 16P
   Dual Supply, 2-Bit Voltage Translator / Buffer / Repeater / Isolator for I2C Applications
logo
ON Semiconductor
FXMAR2104 ONSEMI-FXMAR2104 Datasheet
793Kb / 17P
   Dual-Supply, 4-Bit Voltage Translator / Isolator
July 2012 Rev. 1.0.1
logo
Shenzhen Huazhimei Semi...
HM5304T HMSEMI-HM5304T Datasheet
1Mb / 18P
   Dual-Supply, 4-Bit Voltage Translator / Isolator for
logo
ON Semiconductor
FXMAR2102 ONSEMI-FXMAR2102 Datasheet
444Kb / 18P
   Dual-Supply, 2-Bit Voltage Translator / Isolator
July 2014 Rev. 1.0.3
logo
Fairchild Semiconductor
FXMAR2104 FAIRCHILD-FXMAR2104 Datasheet
1Mb / 15P
   Dual-Supply, 4-Bit Voltage Translator / Isolator for Open-Drain
FXMAR2102 FAIRCHILD-FXMAR2102 Datasheet
679Kb / 16P
   Dual-Supply, 2-Bit Voltage Translator / Isolator for I2C Applications
logo
Shenzhen Huazhimei Semi...
HM5302 HMSEMI-HM5302 Datasheet
1Mb / 16P
   Dual-Supply, 2-Bit Voltage Translator / Isolator for I2C Applications
logo
ON Semiconductor
FXLA104 ONSEMI-FXLA104 Datasheet
229Kb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator
September-2017, Rev. 2
logo
Nexperia B.V. All right...
74AVC4T3144 NEXPERIA-74AVC4T3144 Datasheet
278Kb / 22P
   4-bit dual-supply buffer/level translator; 3-state
Rev. 2 - 24 July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com