Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FXMA2104 Datasheet(PDF) 15 Page - ON Semiconductor

Part No. FXMA2104
Description  Dual-Supply, 4-Bit Voltage Translator / Buffer / Repeater / Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

FXMA2104 Datasheet(HTML) 15 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXMA2104 • Rev. 1.0.1
14
Physical Dimensions
Figure 15. 12-Lead Ultrathin MLP, 1.8mm x 1.8mm
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
A
B
C
SEATING
PLANE
RECOMMENDED
LAND PATTERN
NOTES:
A. PACKAGE DOES NOT FULLY CONFORM TO
JEDEC STANDARD.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
D. LAND PATTERN RECOMMENDATION IS
BASED ON FSC DESIGN ONLY.
E. DRAWING FILENAME: MKT-UMLP12Arev4.
SCALE : 2X
LEAD
OPTION 1
SCALE : 2X
LEAD
OPTION 2
DETAIL A
SCALE : 2X
PIN#1 IDENT
TOP VIEW
BOTTOM VIEW
0.10 C
0.08 C
0.10 C
2X
2X
SIDE VIEW
0.10 C
0.05
0.00
3
6
1
0.10 CA B
0.05 C
0.55 MAX.
12
1.80
1.80
0.40
0.25
0.15(12X)
0.35
0.45
2.10
2.10
0.40
0.563
(11X)
0.20
(12X)
1
0.152
9
0.588
DETAIL A
PIN#1 IDENT
(11X)
PACKAGE
EDGE
0.10
0.10
0.45
0.35
0.10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn