Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FXMA2104 Datasheet(PDF) 14 Page - ON Semiconductor

Part No. FXMA2104
Description  Dual-Supply, 4-Bit Voltage Translator / Buffer / Repeater / Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

FXMA2104 Datasheet(HTML) 14 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXMA2104 • Rev. 1.0.1
13
Timing Diagrams
Figure 8. Waveform for Inverting and Non-Inverting
Functions
(16)
Figure 9. 3-STATE Output Low Enable Time
(16)
Symbol
VCC
Vmi
VCCI / 2
Vmo
VCCO / 2
VX
0.5 x VCCO
VY
0.1 x VCCO
Figure 10. 3-STATE Output High Enable Time
(16)
Figure 11. Active Output Rise Time
Figure 12. Active Output Fall Time
Figure 13. F-Toggle Rate
Figure 14.
Output Skew Time
Notes:
16. Input tR = tF = 2.0ns, 10% to 90% at VIN = 1.65V to 1.95V;
Input tR = tF = 2.0ns, 10% to 90% at VIN = 2.3 to 2.7V;
Input tR = tF = 2.5ns, 10% to 90%, at VIN = 3.0V to 3.6V only;
Input tR = tF = 2.5ns, 10% to 90%, at VIN = 4.5V to 5.5 only.
17. VCCI = VCCA for control pin OE or Vmi = (VCCA / 2).
VCCI
VCCO
GND
DATA
IN
DATA
OUT
tpxx
tpxx
Vmi
Vmo
DATA
OUT
OUTPUT
CONTROL
tPZL
Vmi
VCCA
VOL
GND
VY
DATA
OUT
OUTPUT
CONTROL
tPLZ
Vmi
VCCA
VOL
GND
Vx
VCCI
VCCI /2
VCCI /2
GND
DATA
IN
tperiod
F-toggle rate, f = 1 / tperiod
VCCO
Vmo
tskew
tskew
Vmo
GND
DATA
OUTPUT
tskew = (tpHLmax – tpHLmin) or (tpLHmax – tpLHmin)
VCCO
Vmo
Vmo
GND
DATA
OUTPUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn