Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FXMA2104 Datasheet(PDF) 12 Page - ON Semiconductor

Part No. FXMA2104
Description  Dual-Supply, 4-Bit Voltage Translator / Buffer / Repeater / Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

FXMA2104 Datasheet(HTML) 12 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXMA2104 • Rev. 1.0.1
11
AC Characteristics
(17)
Output Load: CL = 50pF, RPU = 2.2kΩ, and TA = -40°C to +85°C.
Symbol
Parameter
VCCB
Units
4.5 to 5.5V
3.0 to 3.6V
2.3 to 2.7V
1.65 to 1.95V
Typ.
Max.
Typ.
Max.
Typ.
Max.
Typ.
Max.
VCCA = 4.5 to 5.5V
tPLH
A to B
1
3
1
3
1
3
1
3
ns
B to A
1
3
2
4
3
5
4
7
tPHL
A to B
2
4
3
5
4
6
6
7
ns
B to A
2
4
2
5
2
6
5
7
tPZL
OE to A
4
5
6
10
5
9
7
15
ns
OE to B
3
5
4
7
5
8
10
15
tPLZ
OE to A
65
100
65
105
65
105
65
105
ns
OE to B
5
9
6
10
7
12
9
16
tskew
A Port, B Port
(14)
0.5
1.5
0.5
1.0
0.5
1.0
0.5
1.0
ns
VCCA = 3.0 to 3.6V
tPLH
A to B
2.0
5.0
1.5
3.0
1.5
3.0
1.5
3.0
ns
B to A
1.5
3.0
1.5
4.0
2.0
6.0
3.0
9.0
tPHL
A to B
2
4
2
4
2
5
6
7
ns
B to A
2
4
2
4
2
5
3
5
tPZL
OE to A
4
8
5
9
6
11
7
15
ns
OE to B
4
8
6
9
8
11
10
14
tPLZ
OE to A
100
115
100
115
100
115
100
115
ns
OE to B
5
10
4
8
5
10
9
15
tskew
A Port, B Port
(14)
0.5
1.5
0.5
1.0
0.5
1.0
0.5
1.0
ns
VCCA = 2.3 to 2.7V
tPLH
A to B
2.5
5.0
2.5
5.0
2.0
4.0
1.0
3.0
ns
B to A
1.5
3.0
2.0
4.0
3.0
6.0
5.0
10.0
tPHL
A to B
2
5
2
5
2
5
5
6
ns
B to A
2
5
2
5
2
5
3
6
tPZL
OE to A
5
10
5
10
6
12
9.0
18.0
ns
OE to B
4.0
8.0
4.5
9.0
5.0
10.0
9.0
18.0
tPLZ
OE to A
100
115
100
115
100
115
100
115
ns
OE to B
65
110
65
110
65
115
12
25
tskew
A Port, B Port
(14)
0.5
1.5
0.5
1.0
0.5
1.0
0.5
1.0
ns
VCCA = 1.65 to 1.95V
tPLH
A to B
4.0
7.0
40.
7.0
5.0
8.0
5.0
10.0
ns
B to A
1.0
2.0
1.0
2.0
1.5
3.0
5.0
10.0
tPHL
A to B
5
8
3
7
3
7
8
9
ns
B to A
4
8
3
7
3
7
3
7
tPZL
OE to A
11
15
11
14
14
28
14
23
ns
OE to B
6
14
6
14
6
14
9
19
tPLZ
OE to A
75
115
75
115
75
115
75
115
ns
OE to B
75
115
75
115
75
115
75
115
tskew
A Port, B Port
(14)
0.5
1.5
0.5
1.0
0.5
1.0
0.5
1.0
ns
Note:
14. Skew is the variation of propagation delay between output signals and applies only to output signals on the same
port (An or Bn) and switching with the same polarity (LOW-to-HIGH or HIGH-to-LOW) (see Figure 14). Skew is
guaranteed, but not tested.
15. AC Characteristic is guaranteed by Design and Characterization.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn