Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FXMA2104 Datasheet(PDF) 11 Page - ON Semiconductor

Part No. FXMA2104
Description  Dual-Supply, 4-Bit Voltage Translator / Buffer / Repeater / Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

FXMA2104 Datasheet(HTML) 11 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXMA2104 • Rev. 1.0.1
10
Dynamic Output Electrical Characteristics
Output Rise / Fall Time
Output load: CL = 50pF, RPU = 2.2kΩ, push / pull driver, and TA = -40°C to +85°C.
Symbol
Parameter
VCCO
(10)
Unit
4.5 to 5.5V 3.0 to 3.6V
2.3 to 2.7V
1.65 to 1.95V
Typical
trise
Output Rise Time; A Port, B Port
(11)
3
4
5
7
ns
tfall
Output Fall Time; A Port, B Port
(12)
11
8
6
4
ns
Notes:
9.
Output rise and fall times guaranteed by design simulation and characterization; not production tested.
10. VCCO is the VCC associated with the output side.
11.
See Figure 11.
12.
See Figure 12.
Maximum Data Rate
(13)
Output load: CL = 50pF, RPU = 2.2kΩ, push-pull driver, and TA = -40°C to +85°C.
VCCA
Direction
VCCB
Unit
4.5 to 5.5V
3.0 to 3.6V
2.3 to 2.7V
1.65 to 1.95V
Minimum
4.5V to 5.5V
A to B
26
20
16
9
MHz
B to A
26
20
16
9
3.0V to 3.6V
A to B
26
20
16
9
MHz
B to A
26
20
16
9
2.3V to 2.7V
A to B
26
20
16
9
MHz
B to A
26
20
16
9
1.65V to 1.95V
A to B
26
20
16
9
MHz
B to A
26
20
16
9
Note:
13. F-toggle guaranteed by design simulation; not production tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn