Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FXMA2104 Datasheet(PDF) 10 Page - ON Semiconductor

Part No. FXMA2104
Description  Dual-Supply, 4-Bit Voltage Translator / Buffer / Repeater / Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

FXMA2104 Datasheet(HTML) 10 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXMA2104 • Rev. 1.0.1
9
DC Electrical Characteristics
TA = –40°C to +85°C.
Symbol
Parameter
Condition
VCCA (V)
VCCB (V)
Min.
Max.
Unit
VIHA
High Level Input
Voltage A
Data Inputs An
1.65–5.50
1.65–5.50
VCCA – 0.4
V
Control Input OE
1.65–5.50
1.65–5.50
0.7 x VCCA
VIHB
High Level Input
Voltage B
Data Inputs Bn
1.65–5.50
1.65–5.50
VCCB – 0.4
V
VILA
Low Level Input
Voltage A
Data Inputs An
1.65–5.50
1.65–5.50
0.4
V
Control Input OE
1.65–5.50
1.65–5.50
0.3 x VCCA
VILB
Low Level Input
Voltage B
Data Inputs Bn
1.65–5.50
1.65–5.50
0.4
V
VOL
Low Level Output
Voltage
VIL = 0.15V
1.65–5.50
1.65–5.50
0.4
V
IOL = 6mA
IL
Input Leakage
Current
Control Input OE,
VIN = VCCA or GND
1.65–5.50
1.65–5.50
±1
µA
IOFF
Power-Off Leakage
Current
An
VIN or VO = 0V to
5.5V
0
5.50
±2
µA
Bn
VIN or VO = 0V to
5.5V
5.50
0
±2
IOZ
3-State Output
Leakage
(6)
An,
Bn
VO = 0V to 5.5V,
OE = VIL
5.50
5.50
±2
µA
An
VO = 0V to 5.5V,
OE = Don’t Care
5.50
0
±2
Bn
VO = 0V to 5.5V,
OE = Don’t Care
0
5.50
±2
ICCA/B
Quiescent Supply
Current
(7,8)
VIN = VCCI or GND,
IO = 0
1.65–5.50
1.65–5.50
5
µA
ICCZ
Quiescent Supply
Current
(7)
VIN = VCCI or GND,
IO = 0,
OE = VIL
1.65–5.50
1.65–5.50
5
µA
ICCA
Quiescent Supply
Current
(6)
VIN = 5.5V or GND,
IO = 0,
OE = Don’t Care,
Bn to An
0
1.65–5.50
-2
µA
1.65–5.50
0
2
ICCB
Quiescent Supply
Current
(6)
VIN = 5.5V or GND,
IO = 0,
OE = Don’t Care,
An to Bn
1.65–5.50
0
-2
µA
0
1.65–5.50
2
Notes:
5.
This table contains the output voltage for static conditions. Dynamic drive specifications are given in Dynamic
Output Electrical Characteristics.
6.
“Don’t Care” indicates any valid logic level.
7.
VCCI is the VCC associated with the input side.
8.
Reflects current per supply, VCCA or VCCB.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn