Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FXMA2104 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. FXMA2104
Description  Dual-Supply, 4-Bit Voltage Translator / Buffer / Repeater / Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

FXMA2104 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXMA2104 • Rev. 1.0.1
4
Absolute Maximum Ratings
Stresses exceeding the Absolute Maximum Ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Units
VCCA, VCCB Supply Voltage
-0.5
7.0
V
VIN
DC Input Voltage
A Port
-0.5
7.0
B Port
-0.5
7.0
Control Input (OE)
-0.5
7.0
VO
Output Voltage
(2)
An Outputs 3-State
-0.5
7.0
V
Bn Outputs 3-State
-0.5
7.0
An Outputs Active
-0.5
VCCA + 0.5V
Bn Outputs Active
-0.5
VCCB + 0.5V
IIK
DC Input Diode Current
At VIN < 0V
-50
mA
IOK
DC Output Diode Current
At VO < 0V
-50
mA
At VO > VCC
+50
IOH / IOL
DC Output Source/Sink Current
-50
+50
mA
ICC
DC VCC or Ground Current per Supply Pin
±100
mA
PD
Power Dissipation
At 400KHz
0.129
mW
TSTG
Storage Temperature Range
-65
+150
°C
ESD
Electrostatic Discharge
Capability
Human Body Model, JESD22-A114
5
kV
Charged Device Mode, JESD22-C101
2
Note:
2.
IO absolute maximum rating must be observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Units
VCCA, VCCB Power Supply Operating
1.65
5.50
V
VIN
Input Voltage
A Port
0
5.5
V
B Port
0
5.5
Control Input (OE)
0
VCCA
ΘJA
Thermal Resistance
301.5
C°/W
TA
Free Air Operating Temperature
-40
+85
°C
Note:
3.
All unused inputs and I/O pins must be held at VCCI or GND, VCCI is the VCC associated with the input side.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn