Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A6120DR-33 Datasheet(PDF) 6 Page - AIT Components Ltd.

Part No. A6120DR-33
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

A6120DR-33 Datasheet(HTML) 6 Page - AIT Components Ltd.

Back Button A6120DR-33 Datasheet HTML 2Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 3Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 4Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 5Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 6Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 7Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 8Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 9Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 10Page - AIT Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A6120
LOW DROPOUT VOLTAGE REGULATOR
2A LOW CONSUMPTION LINEAR REGULATOR
REV2.2
- DEC 2013 RELEASED, JUL 2017 UPDATED -
- 6 -
7.
Line Transient Response
IOUT=100mA,VIN=3.3V to 4.3V
(Orange: VIN, Green: VOUT)
8.
Load Transient Response
VIN=3.3V, IOUT=0.1A to 1A
(Pink: IOUT, Green: VOUT)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn