Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A6120DR-33 Datasheet(PDF) 3 Page - AIT Components Ltd.

Part No. A6120DR-33
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

A6120DR-33 Datasheet(HTML) 3 Page - AIT Components Ltd.

  A6120DR-33 Datasheet HTML 1Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 2Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 3Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 4Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 5Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 6Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 7Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 8Page - AIT Components Ltd. A6120DR-33 Datasheet HTML 9Page - AIT Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A6120
LOW DROPOUT VOLTAGE REGULATOR
2A LOW CONSUMPTION LINEAR REGULATOR
REV2.2
- DEC 2013 RELEASED, JUL 2017 UPDATED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
Max Input Voltage
20V
TJ, Operating Junction Temperature
125°C
TA, Ambient Temperature
-40°C~85°C
Package Thermal Resistance
SOT-223
20°C/W
TO-252
12°C/W
TS, Storage Temperature
-40°C~150°C
Lead Temperature & Time
260°C, 10 Sec
Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Value
Input Voltage Range
Max. 18V
Ambient Temperature
-40°C~85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn