Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A6120DVR-25 Datasheet(PDF) 7 Page - AIT Components Ltd.

Part No. A6120DVR-25
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

A6120DVR-25 Datasheet(HTML) 7 Page - AIT Components Ltd.

Back Button A6120DVR-25 Datasheet HTML 3Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 4Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 5Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 6Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 7Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 8Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 9Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 10Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 11Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A6120
LOW DROPOUT VOLTAGE REGULATOR
2A LOW CONSUMPTION LINEAR REGULATOR
REV2.2
- DEC 2013 RELEASED, JUL 2017 UPDATED -
- 7 -
BLOCK DIAGRAM
DETAILED INFORMATION
A6120 is a series of low dropout voltage and low power consumption regulator. Its application circuitry
requires minimum number of external components. Both fixed voltage and adjustable voltage application
circuits need input and output capacitors to assure output voltage stability. Any desired output voltage from
fixed voltage to 18V can be achieved by assigning proper values to two external resistors in its application
circuitry (as shown in Fig.2, as R1, R2 are the two external resistors.).
A6120 uses trimming technique to assure the accuracy of output value within ±2%, at the same time,
temperature compensation is elaborately considered in this chip, which makes A6120’s temperature
coefficient within 100ppm/℃


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn