Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A6120DVR-25 Datasheet(PDF) 4 Page - AIT Components Ltd.

Part No. A6120DVR-25
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

A6120DVR-25 Datasheet(HTML) 4 Page - AIT Components Ltd.

  A6120DVR-25 Datasheet HTML 1Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 2Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 3Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 4Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 5Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 6Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 7Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 8Page - AIT Components Ltd. A6120DVR-25 Datasheet HTML 9Page - AIT Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A6120
LOW DROPOUT VOLTAGE REGULATOR
2A LOW CONSUMPTION LINEAR REGULATOR
REV2.2
- DEC 2013 RELEASED, JUL 2017 UPDATED -
- 4 -
ELECTRICAL CHARACTERISTICS
Test Conditions: CIN=1uF, COUT=1uF, TA=25°C, unless Otherwise Specified
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input Voltage
VDD
-
-
18
V
Output Voltage
VOUT
VOUT
x 0.98
VOUT
VOUT
x1.02
V
Maximum Output
Current
IOUT (Max.)
VIN-VOUT=1.9V
VOUT<1.5V
2
-
-
A
VIN--VOUT=1.5V 1.5V≤VOUT<2.0V
VIN--VOUT=1V
VOUT≥2.0V
Input-Output
Voltage Differential
NOTE3
Dropout
Voltage
IOUT≤1.5A
VOUT <1.5V
-
1600
1800
mV
1.5V≤VOUT<2.0V
-
1200
1400
VOUT≥2.0V
-
850
950
Line Regulation
NOTE1
ΔVOUT
ΔVIN × VOUT
IOUT=10mA
Set VOUT+1V≤VIN≤18V
-
0.1
0.3
%/V
Load Regulation
NOTE1,2
ΔVOUT
1mA≤IOUT≤1.5A
VOUT <1.5V
-
40
60
mV
1.5V≤VOUT<2.0V
-
20
40
VOUT≥ 2.0V
-
10
30
Quiescent Current
Iq
VIN-=Set VOUT+1V
-
3.0
5.0
uA
Output Voltage
Temperature
Coefficient
ΔVOUT
ΔT × VOUT
IOUT=100mA
-
200
-
ppm/°C
Thermal Resistance
Junction to case
θJC
SOT-223
TO-252
-
20
12
-
°C / W
NOTE1: Line Regulation and Load Regulation in Table1 are tested under constant junction temperature.
NOTE2: When load current varies between 0~2A and VIN-VOUT ranges from 1V~18V at constant junction temperature, the parameter is
satisfied the criterion in table.
NOTE3: Dropout Voltage is the voltage difference between the input and output pin when the input voltage is minimum to maintain the
lowest spec output voltage.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn