Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A6120NR-25 Datasheet(PDF) 10 Page - AIT Components Ltd.

Part No. A6120NR-25
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

A6120NR-25 Datasheet(HTML) 10 Page - AIT Components Ltd.

Back Button A6120NR-25 Datasheet HTML 3Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 4Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 5Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 6Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 7Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 8Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 9Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 10Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 11Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A6120
LOW DROPOUT VOLTAGE REGULATOR
2A LOW CONSUMPTION LINEAR REGULATOR
REV2.2
- DEC 2013 RELEASED, JUL 2017 UPDATED -
- 10 -
Dimension in TO-252 (Unit: mm)
Symbol
Min
Max
A
2.200
2.380
A1
0.000
0.100
A2
0.900
1.100
b
0.770
0.890
b1
0.760
0.860
b2
0.770
1.100
b3
5.230
5.430
c
0.470
0.600
c1
0.460
0.560
c2
0.470
0.600
D
6.000
6.200
D1
5.250
-
E
6.500
6.700
E1
4.700
-
e
2.280(BSC)
H
9.800
10.40
L
1.400
1.700
L1
2.900(REF)
L2
0.510(BSC)
L3
0.900
1.250
L5
0.900
1.500
L6
1.800(REF)
θ
θ1
θ2


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn