Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A6120NR-25 Datasheet(PDF) 1 Page - AIT Components Ltd.

Part No. A6120NR-25
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

A6120NR-25 Datasheet(HTML) 1 Page - AIT Components Ltd.

  A6120NR-25 Datasheet HTML 1Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 2Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 3Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 4Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 5Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 6Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 7Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 8Page - AIT Components Ltd. A6120NR-25 Datasheet HTML 9Page - AIT Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A6120
LOW DROPOUT VOLTAGE REGULATOR
2A LOW CONSUMPTION LINEAR REGULATOR
REV2.2
- DEC 2013 RELEASED, JUL 2017 UPDATED -
- 1 -
DESCRIPTION
FEATURES
A6120 is a series of low power consumption, low
dropout voltage regulator with a typical dropout
voltage of 1.0V at 2A load current.
A6120 can provide output value in the range of
1.2V~5.0V in 0.1V steps. It also can customized on
command.
Other than every voltage version can be used as an
adjustable voltage version, with which desired voltage
can be achieved by setting the values of two external
resistors of the application circuitry.
A6120 has well load transient response and good
temperature characteristic, And it uses trimming
technique to guarantee output voltage accuracy
within±2%.
The A6120 is available in SOT-223 and TO-252
Packages.
Low Power Consumption:3.0uA (Typ.)
Maximum output current : 2A
Maximum input voltage: 18V
Line regulation: 0.2% (Typical)
Output Voltage Range:1.2V~5.0V (customized
on command in 0.1V steps)
Highly Accurate:±2%(±1% customized)
Typical Dropout Voltage:
850mV@1.5A (VOUT=3.3V)
Operation environment Temperature:
-40°C~85°C
Available in SOT-223 and TO-252 Packages
APPLICATION
Battery Charger
Battery Powered equipment
Post Regulators for Switching Supplies
Reference Voltage Source Regulation after
Switching Power
ORDERING INFORMATION
Package Type
Part Number
SOT-223
SPQ: 2,500pcs/Reel
N
A6120NR-XX
A6120NVR-XX
TO-252
SPQ: 2,500pcs/Reel
D
A6120DR-XX
A6120DVR-XX
Note
X: Output Voltage
12=1.2V; 18=1.8V;
25=2.5V; 33=3.3V;
50=5.0V
V: Halogen free Package
R: Tape & Reel
AiT provides all RoHS products
TYPICAL APPLICATION
Fig1. A6120 fixed voltage application circuit
NOTE: Input capacitor (CIN=1uF) and Output
capacitor (COUT=1uF) are recommended in all
application
circuit.
ceramic
capacitor
is
recommended.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn