Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A6120 Datasheet(PDF) 8 Page - AIT Components Ltd.

Part No. A6120
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

A6120 Datasheet(HTML) 8 Page - AIT Components Ltd.

Back Button A6120 Datasheet HTML 3Page - AIT Components Ltd. A6120 Datasheet HTML 4Page - AIT Components Ltd. A6120 Datasheet HTML 5Page - AIT Components Ltd. A6120 Datasheet HTML 6Page - AIT Components Ltd. A6120 Datasheet HTML 7Page - AIT Components Ltd. A6120 Datasheet HTML 8Page - AIT Components Ltd. A6120 Datasheet HTML 9Page - AIT Components Ltd. A6120 Datasheet HTML 10Page - AIT Components Ltd. A6120 Datasheet HTML 11Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A6120
LOW DROPOUT VOLTAGE REGULATOR
2A LOW CONSUMPTION LINEAR REGULATOR
REV2.2
- DEC 2013 RELEASED, JUL 2017 UPDATED -
- 8 -
TYPICAL APPLICATION
A6120 has fixed voltage and adjustable voltage application mode.
A 1μF ceramic capacitor connected between input and GND as bypass capacitor and a 1μF ceramic capacitor
between output and GND are recommended for all application.
Using a bypass capacitor (CADJ) between the adjust terminal and ground can improve ripple rejection. The
bypass capacitor prevents ripple from being amplified in case the output voltage is increased. The impedance
of CADJ should be less than the resistance of R1 to prevent ripple from being amplified at any frequency. As R1
is normally in the range of 1kΩ~10kΩ, the value of CADJ should satisfy the following condition:
1/(2π* FrequencyRipple *CADJ)<R1
A 0.1μF ceramic capacitor is recommended.
Fig 2. Typical Application of A6120
EXPLANATION
The output voltage of adjustable application satisfies this followed equation:
VOUT=VREF× (1+R2/R1)+IADJ×R2.
The second term IADJ×R2 can be ignored since the adjustable pin current IADJ (~ 2μA) is much less than the
current through R1 (~1mA).
The value of R1 is preferred in the range of 1kΩ~10kΩ and the value of VREF is the output voltage of typical
fixed voltage application circuit.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn