Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

323GT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. 323GT
Description  5.0mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

323GT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Technical Data Sheet
5.0mm Round Type LED Lamps
323GT
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
2
Page: 4 of 6
Device Number :
CDLE-032-019
Prepared date:
2004/8/9
Prepared by:
Guangxiu Yuan


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
383-2UBC-C470 5.0mm Round Type LED Lamps 1 2 3 4 List of Unclassifed Manufacturers
336EGW5.0MM MULTI COLOR ROUND TYPE LED LAMPS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
GL8UR212.0 X 5.0mm Rectangle Type Colored Diffusion High-luminosity LED Lamps for Indicator 1 2 Sharp Electrionic Components
264-7UYOC3.0mm Round Type LED Lamps 1 2 3 4 Everlight Electronics Co., Ltd
LUR3333HSUPER BRIGHT ROUND TYPE LED LAMPS 1 2 3 4 5 List of Unclassifed Manufacturers
204GD3.0 MM ROUND TYPE LED LAMPS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
209HGW3.0 MM MULTI COLOR ROUND TYPE LED LAMPS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
204HD3.0 mm ROUND TYPE LED LAMPS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
264-10YD3.0 MM ROUND TYPE LED LAMPS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
333HD5.0 MM ROUND TYPE LED LAMPS 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn