Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6513H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. 71M6513H
Description  71M6513
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

71M6513H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
���
���
������
��
��
��
��
���
����
����
��
��
��
��
��
�������
��
��
����� �����
����
����
����
�����
����
��
������
��������
��������
���� ����
����������
���������
����������
����������
���
����
������
�����
�����
����
�����
���
������
�������
����������
�����
�����
�������
���������
��������
�������
������
�����
����
���
���������
������
���������
��������
��
������������
�������
��������
����
������
�����
���
71M6513 / 71M6513H Block Diagram
Ordering Information
100-pin epLQFP, 0.5% accuracy
100-pin Lead-Free epLQFP, 0.5% accuracy
100-pin epLQFP, 0.1% accuracy
100-pin Lead-Free epLQFP, 0.1% accuracy
71M6513
71M6513
71M6513H
71M6513H
PART DESCRIPTION
71M6513-IEL
71M6513-IEL/F
71M6513H-IEL
71M6513H-IEL/F
ORDERING NUMBER
71M6513-IEL
71M6513-IEL
71M6513H-IEL
71M6513H-IEL
PACKAGE MARKING
For immediate technical information and the name of a local representative or distributor,
visit www.tdksemiconductor.com, send an e-mail to support@tdksemiconductor.com
or call (714) 508-8800.
No responsibility is assumed by TDK Semiconductor Corporation for use of this product nor for any infringements of patents and trademarks or
other rights of third parties resulting from its use. No license is granted under any patents, patent rights or trademarks of TDK Semiconductor
Corporation, and the company reserves the right to make changes in specifications at any time without notice. Accordingly, the reader is cau-
tioned to verify that the data sheet is current before placing orders.
© 2004 TDK Semiconductor Corporation 7/04 - rev 1.0
6440 Oak Canyon
Irvine, CA 92618-5201
714-508-8800 (Tel)
714-508-8878 (Fax)
Features (continued)
Phase compensation (±7°)
Battery Backup for RAM and RTC
< 30mW @3.3V, 13.2mW back up
Flash memory option with security
8-bit microcontroller (8051)
Integrated ICE for MPU debug
LCD driver (<168 pixels)
High speed SSI serial output
RTC for time of use functions
Two Event counter/timers
Watchdog timer
Power fail monitor
Up to 22 general purpose I/O pins
64kB Flash/ROM
7kB RAM
Two UARTs for IR and AMR
Third software UART via DIO pins
100-lead Exposed Pad LQFP package
(epLQFP)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn