Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0NLN015.T Datasheet(PDF) 1 Page - Littelfuse

Part # 0NLN015.T
Description  Class K5 ??NLN/NLS Series (one-time) fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0NLN015.T Datasheet(HTML) 1 Page - Littelfuse

  0NLN015.T Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWR-GARD® Fuse Datasheet
© 2012 Littelfuse POWR-GARD® Products
www.littelfuse.com
Rev: 083012
1 of 1
Class K5 – NlN/Nls series (oNe-time) fuses
250/600 VAC • “One-Time” • 1-600 A
ampere ratiNgs
1
7
*25
*60
125
300
2
8
*30
70
150
350
3
10
*35
80
175
400
4
12
*40
90
200
450
5
*15
*45
100
225
500
6
*20
*50
110
250
600
*NLKP series available only in those amperages preceded by an asterisk.
Web Resources
TC Curves, downloadable CAD drawings and other technical
information: www.littelfuse.com/nln
www.littelfuse.com/nls
www.littelfuse.com/nlkp
Recommended Fuse Holders
LFH60 Series • LFH25 Series
Ordering Information
series
amperage
Catalog Number orderiNg Number
NLS
20
NLS020
0NLS020.T
NLN
15
NLN015
0NLN015.T
Description
NLN/NLS fuses provide low cost protection for general
purpose feeder and branch circuits when available short
circuit currents are less than 50 kA.
Canadian Electrical Code NLKP Type P fuse available. See Web Resources
links for more information.
Applications
• General purpose residential and commercial circuits with
little or no motor load.
Features/Benefits
• Economical
• 50 kA interrupting rating
• Indicating and DIN mount holders available
Specifications
Voltage Ratings
AC: 250 V (NLN)
600 V (NLS)
DC: 250 V (NLN)
400 V (NLS 35 – 60 A)
500 V (NLS 8 – 30 A) (NLS 225 – 600 A)
600 V (NLS 1 – 7 A) (NLS 70 – 200 A)
Interrupting Ratings
AC: 50 kA rms symmetrical (NLN/NLS)
DC: 20 kA (NLN/NLS 1 – 60 A)
50 kA (NLN/NLS 70 – 600 A)
Ampere Range
1 – 600 A (NLN/NLS)
Approvals
NLN/NLS: Standard 248-9, Class K5
UL Listed (File: E81895)
CSA Certified (File: LR29862)
A
C
C
D
A
E
B
B
FD
G
FIG. 1
FIG. 2
amperes
refer to
fig. No.
series
dimeNsioNs iNChes (mm)
A
B
C
D
E
F
G
1 – 30
1
NLN
2 (50.8)
1
2 (12.7)
1
2 (12.7)
9
16 (14.3)
NLS
5 (127.0)
3
4 (19.1)
5
8 (15.9)
13
16 (20.6)
35 – 60
1
NLN
3 (76.2)
3
4 (19.1)
5
8 (15.9)
13
16 (20.6)
NLS
512 (139.7)
1 (25.4)
5
8 (15.9)
1116 (27.0)
70 – 100
2
NLN
578 (149.2)
1 (25.4)
1 (25.4)
1116 (27.0)
1
8 (3.2)
3
4 (19.1)
1516 (33.3)
NLS
778 (200.0)
114 (31.8)
1 (25.4)
1516 (33.3)
1
8 (3.2)
3
4 (19.1)
1916 (39.7)
110 – 200
2
NLN
718 (181.0)
112 (38.1)
138 (34.9)
1916 (39.7)
3
16 (4.8)
118 (28.6)
178 (47.6)
NLS
958 (244.5)
134 (44.5)
138 (34.9)
12732 (46.8)
3
16 (4.8)
118 (28.6)
2332 (53.2)
225 – 400
2
NLN
858 (219.1)
2 (50.8)
178 (47.6)
2332 (53.2)
1
4 (6.4)
158 (41.3)
21332 (61.1)
NLS
1158 (295.3)
212 (63.5)
178 (47.6)
21932 (65.9)
1
4 (6.4)
158 (41.3)
278 (73.0)
450 – 600
2
NLN
1038 (263.5)
212 (63.5)
214 (57.2)
21932 (65.9)
1
4 (6.4)
2 (50.8)
278 (73.0)
NLS
1338 (339.7)
3 (76.2)
214 (57.2)
3332 (78.6)
1
4 (6.4)
2 (50.8)
3716 (87.3)
Dimensions


Similar Part No. - 0NLN015.T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0NLS015.T LITTELFUSE-0NLS015.T Datasheet
206Kb / 2P
   CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES
Rev: 022822
0NLS030.T LITTELFUSE-0NLS030.T Datasheet
206Kb / 2P
   CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES
Rev: 022822
0NLS060.T LITTELFUSE-0NLS060.T Datasheet
206Kb / 2P
   CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES
Rev: 022822
0NLS100.V LITTELFUSE-0NLS100.V Datasheet
206Kb / 2P
   CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES
Rev: 022822
0NLS200.X LITTELFUSE-0NLS200.X Datasheet
206Kb / 2P
   CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES
Rev: 022822
More results

Similar Description - 0NLN015.T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NLN LITTELFUSE-NLN_V01 Datasheet
206Kb / 2P
   CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES
Rev: 022822
NLN LITTELFUSE-NLN Datasheet
465Kb / 2P
   NLN/NLS Class K5 Fuses
logo
List of Unclassifed Man...
ALS-100 ETC1-ALS-100 Datasheet
244Kb / 2P
   Stud-mounted fuses one-time
logo
Eaton All Rights Reserv...
NOS EATON-NOS Datasheet
989Kb / 4P
   250 V NON/600 V NOS Class K5 and H fuses
logo
Cooper Bussmann, Inc.
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
   Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
   Dual-Element, Time-Delay Fuses Class RK5 600 Volt
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
   Time-Delay Fuses
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
   time-delay fuses
KRP-C-2001SP ETC1-KRP-C-2001SP Datasheet
741Kb / 4P
   time-delay fuses
logo
Cooper Bussmann, Inc.
KLU-601 COOPER-KLU-601 Datasheet
643Kb / 4P
   Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com