Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GRS-2011-2600 Datasheet(PDF) 1 Page - CW Industries

Part No. GRS-2011-2600
Description  2000 Series Maintained Action Full Size Rocker Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CWIND [CW Industries]
Direct Link  http://www.cwind.com
Logo CWIND - CW Industries

GRS-2011-2600 Datasheet(HTML) 1 Page - CW Industries

  GRS-2011-2600_19 Datasheet HTML 1Page - CW Industries GRS-2011-2600_19 Datasheet HTML 2Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Item # GRS-2011-2600, 2000 Series Maintained Action Full Size Rocker Switches
Check Distributor Stock · Specifications · Materials · Operating Standards
Check Distributor Stock
PEERLESS ELECTRONICS
DIGI-KEY
MOUSER
Circuitry
SPST
Switch Function
ON-OFF
Electrical Ratings1
10 A @ 14 V (T)
12 (6) A @ 250~ (VDE)
12 A @ 250 VAC
16 A @ 125 VAC
3/4 HP @ 125-250 VAC
Temperature Rating
+65 Max. Degrees C
Panel Opening
0.550 X 1.125 in
13.97 X 28.58 mm
Acceptable Panel Thickness
0.025 - 0.180 in
0.64 - 4.57 mm
Mounting
No hardware or tools needed; self locks into one of the two available panel opening options.
Specify - GRSX-2000 Series - 2000 for 0.550 X 1.125 in. panel opening.
Specify - GRSX-2000 Series - 3000 for 0.480 X 1.072 in. panel opening.
CAUTION: Burr direction must be away from the direction of insertion.
Mounting Polarization
No
Actuator Color
Black
Actuator Legend
None
Illumination
Non Illuminated
Housing Color
Black
Insulating Barriers
( _ ) Between Terminals ( X ) No Barriers
Terminals
(X) 0.250 x 0.032in.
6.35 x 0.81mm. Quick Connect
(_) 0.187 x 0.032in.
4.75 x 0.81mm. Quick Connect
Contact Action
Sliding with Self Cleaning Contacts
Check Distributor Stock
Specifications
CW INDUSTRIES
130 James Way
Southampton, PA 18966
Phone: 215-355-7080 • Fax: 215-355-1088
Email: info@cwind.com • Website: http://www.cwind.com
3/21/2019 | Page 1 of 2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn