Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA2502 Datasheet(PDF) 5 Page - NEC

Part No. UPA2502
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA2502 Datasheet(HTML) 5 Page - NEC

  UPA2502 Datasheet HTML 1Page - NEC UPA2502 Datasheet HTML 2Page - NEC UPA2502 Datasheet HTML 3Page - NEC UPA2502 Datasheet HTML 4Page - NEC UPA2502 Datasheet HTML 5Page - NEC UPA2502 Datasheet HTML 6Page - NEC UPA2502 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Data Sheet G16681EJ1V0DS
5
µ PA2502
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
5
10
15
20
25
-50
0
50
100
150
ID = 7.0 A
Pulsed
VGS = 4.5 V
10.0 V
Tch - Channel Temperature - °C
10
100
1000
10000
0.1
1
10
100
VGS = 0 V
f = 1.0 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT CHARACTERISTICS
1
10
100
1000
0.1
1
10
100
VDD = 15.0 V
VGS = 10.0 V
RG = 10
td(off)
td(on)
tf
tr
ID - Drain Current - A
0
1
2
3
4
5
6
04
8
12
VDD = 6.0 V
15.0 V
24.0 V
ID = 13.0 A
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
0.01
0.1
1
10
100
0.4
0.6
0.8
1
1.2
VGS = 0 V
Pulsed
VF(S-D) - Source to Drain Voltage - V
0.1
1
10
100
0.01
0.1
1
10
IAS = 13.0 A
EAS = 16.9 mJ
VDD = 15.0 V
RG = 25
VGS = 20.0
→ 0 V
Starting Tch = 25°C
L - Inductive Load - mH


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn