Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA2502 Datasheet(PDF) 2 Page - NEC

Part No. UPA2502
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA2502 Datasheet(HTML) 2 Page - NEC

  UPA2502 Datasheet HTML 1Page - NEC UPA2502 Datasheet HTML 2Page - NEC UPA2502 Datasheet HTML 3Page - NEC UPA2502 Datasheet HTML 4Page - NEC UPA2502 Datasheet HTML 5Page - NEC UPA2502 Datasheet HTML 6Page - NEC UPA2502 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data Sheet G16681EJ1V0DS
2
µ PA2502
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 30.0 V, VGS = 0 V
1.0
µA
Gate Leakage Current
IGSS
VGS = ±20.0 V, VDS = 0 V
±10.0
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10.0 V, ID = 1.0 mA
1.50
2.50
V
Forward Transfer Admittance
Note
| yfs |
VDS = 10.0 V, ID = 7.0 A
5
S
Drain to Source On-state Resistance
Note
RDS(on)1
VGS = 10.0 V, ID = 7.0 A
9.3
12.0
m
RDS(on)2
VGS = 4.5 V, ID = 7.0 A
13.1
18.0
m
Input Capacitance
Ciss
VDS = 10.0 V
760
pF
Output Capacitance
Coss
VGS = 0 V
300
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
100
pF
Turn-on Delay Time
td(on)
VDD = 15.0 V, ID = 7.0 A
14
ns
Rise Time
tr
VGS = 10.0 V
3
ns
Turn-off Delay Time
td(off)
RG = 10
32
ns
Fall Time
tf
4
ns
Total Gate Charge
QG
VDD = 15.0 V
8.5
nC
Gate to Source Charge
QGS
VGS = 5.0 V
2.8
nC
Gate to Drain Charge
QGD
ID = 13.0 A
3.5
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF = 13.0 A, VGS = 0 V
0.84
V
Reverse Recovery Time
trr
IF = 13.0 A, VGS = 0 V
27
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs
24
nC
Note Pulsed: PW
≤ 350
µs, Duty Cycle ≤ 2%
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
50
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 s
Duty Cycle
1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%
µ


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn