Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA2452 Datasheet(PDF) 1 Page - NEC

Part No. UPA2452
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA2452 Datasheet(HTML) 1 Page - NEC

  UPA2452 Datasheet HTML 1Page - NEC UPA2452 Datasheet HTML 2Page - NEC UPA2452 Datasheet HTML 3Page - NEC UPA2452 Datasheet HTML 4Page - NEC UPA2452 Datasheet HTML 5Page - NEC UPA2452 Datasheet HTML 6Page - NEC UPA2452 Datasheet HTML 7Page - NEC UPA2452 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
µ PA2452
N-CHANNEL MOS FIELD EFFECT TRANSISTOR
FOR SWITCHING
DATA SHEET
Document No. G16272EJ1V0DS00 (1st edition)
Date Published October 2003 NS CP(K)
Printed in Japan
2003
DESCRIPTION
The
µ PA2452 is a switching device which can be driven
directly by a 2.5 V power source.
This
µ PA2452 features a low on-state resistance and
excellent switching characteristics, and is suitable for
applications such as power switch of portable machine and
so on.
FEATURES
• 2.5 V drive available
• Low on-state resistance
RDS(on)1 = 17.5 m
Ω TYP. (VGS = 4.5 V, ID = 4.0 A)
RDS(on)2 = 18.5 m
Ω TYP. (VGS = 4.0 V, ID = 4.0 A)
RDS(on)3 = 21.0 m
Ω TYP. (VGS = 3.1 V, ID = 4.0 A)
RDS(on)4 = 25.0 m
Ω TYP. (VGS = 2.5 V, ID = 4.0 A)
• Built-in G-S protection diode against ESD
ORDERING INFORMATION
PART NUMBER
PACKAGE
µ PA2452TL
6PIN HWSON (4521)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
24.0
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±12.0
V
Drain Current (DC)
Note1
ID(DC)
±7.8
A
Drain Current (pulse)
Note2
ID(pulse)
±80.0
A
Total Power Dissipation (2 units)
Note1
PT1
2.5
W
Total Power Dissipation (2 units)
Note3
PT2
0.7
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes 1. Mounted on ceramic substrate of 50 cm
2 x 1.1 mm
2. PW
≤ 10
µs, Duty Cycle ≤ 1%
3. Mounted on FR-4 board of 50 cm
2 x 1.6 mm
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage exceeding
the rated voltage may be applied to this device.
PACKAGE DRAWING (Unit: mm)
1
2
3
6
5
4
4.4±0.1
5.0±0.1
7
(0.9)
(0.15)
(3.05)
(0.50)
1,2:
3:
7:
Each lead has same dimensions
Source 1
Gate 1
Drain
5,6:
4:
Source 2
Gate 2
EQUIVALENT CIRCUIT
Source2
Body
Diode
Gate
Protection
Diode
Gate2
Drain2
Source1
Body
Diode
Gate
Protection
Diode
Gate1
Drain1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn