Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22919 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22919
Description  5.5 V, 1.5 A, 90-m廓 Self-protected load switch with controlled rise time
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22919 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS22919 Datasheet HTML 8Page - Texas Instruments TPS22919 Datasheet HTML 9Page - Texas Instruments TPS22919 Datasheet HTML 10Page - Texas Instruments TPS22919 Datasheet HTML 11Page - Texas Instruments TPS22919 Datasheet HTML 12Page - Texas Instruments TPS22919 Datasheet HTML 13Page - Texas Instruments TPS22919 Datasheet HTML 14Page - Texas Instruments TPS22919 Datasheet HTML 15Page - Texas Instruments TPS22919 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
TPS22919
SLVSEN5A – OCTOBER 2018 – REVISED FEBRUARY 2019
www.ti.com
Product Folder Links: TPS22919
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS22919 device is a 5.5-V, 1.5-A load switch in a 6-pin SOT-23 package. To reduce voltage drop for low
voltage and high current rails, the device implements a low resistance N-channel MOSFET which reduces the
drop out voltage across the device.
The TPS22919 device has a slow slew rate which helps reduce or eliminate power supply droop because of
large inrush currents. Furthermore, the device features a QOD pin, which allows the configuration of the
discharge rate of VOUT once the switch is disabled. During shutdown, the device has very low leakage currents,
thereby reducing unnecessary leakages for downstream modules during standby. Integrated control logic, driver,
charge pump, and output discharge FET eliminates the need for any external components which reduces
solution size and bill of materials (BOM) count.
The TPS22919 load switch is also self-protected, meaning that it will protect itself from short circuit events on the
output of the device. It also has thermal shutdown to prevent any damage from overheating.
8.2 Functional Block Diagram


Similar Part No. - TPS22919

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22919 TI1-TPS22919 Datasheet
798Kb / 17P
[Old version datasheet]   5.5 V, 1.5 A, 90-m廓 Self-Protected Load Switch with Controlled Rise Time
TPS22919-Q1 TI1-TPS22919-Q1 Datasheet
287Kb / 6P
[Old version datasheet]   TPS22919-Q1 5.5 V, 1.5 A, 90-m廓 Self-Protected Load Switch
TPS22919DCK TI1-TPS22919DCK Datasheet
798Kb / 17P
[Old version datasheet]   5.5 V, 1.5 A, 90-m廓 Self-Protected Load Switch with Controlled Rise Time
TPS22919DCKR TI1-TPS22919DCKR Datasheet
798Kb / 17P
[Old version datasheet]   5.5 V, 1.5 A, 90-m廓 Self-Protected Load Switch with Controlled Rise Time
TPS22919QDCKRQ1 TI1-TPS22919QDCKRQ1 Datasheet
287Kb / 6P
[Old version datasheet]   TPS22919-Q1 5.5 V, 1.5 A, 90-m廓 Self-Protected Load Switch
More results

Similar Description - TPS22919

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22919 TI1-TPS22919 Datasheet
798Kb / 17P
[Old version datasheet]   5.5 V, 1.5 A, 90-m廓 Self-Protected Load Switch with Controlled Rise Time
TPS22919-Q1 TI1-TPS22919-Q1 Datasheet
287Kb / 6P
[Old version datasheet]   TPS22919-Q1 5.5 V, 1.5 A, 90-m廓 Self-Protected Load Switch
TPS22958 TI1-TPS22958 Datasheet
1Mb / 36P
[Old version datasheet]   5.5-V, 4-A / 6-A, 14-m廓 Load Switch with Adjustable Rise Time
TPS22992 TI-TPS22992_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch With Adjustable Rise Time
DECEMBER 2021
TPS22992 TI-TPS22992 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch with Adjustable Rise Time
TPS22995 TI-TPS22995 Datasheet
882Kb / 26P
[Old version datasheet]   TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995 TI-TPS22995_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22997 TI-TPS22997 Datasheet
1,013Kb / 25P
[Old version datasheet]   TPS22997 5.5-V, 10-A, 4-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com