Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA1873 Datasheet(PDF) 5 Page - NEC

Part No. UPA1873
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1873 Datasheet(HTML) 5 Page - NEC

  UPA1873 Datasheet HTML 1Page - NEC UPA1873 Datasheet HTML 2Page - NEC UPA1873 Datasheet HTML 3Page - NEC UPA1873 Datasheet HTML 4Page - NEC UPA1873 Datasheet HTML 5Page - NEC UPA1873 Datasheet HTML 6Page - NEC UPA1873 Datasheet HTML 7Page - NEC UPA1873 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet G15629EJ1V0DS
5
µµµµPA1873
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
0.1
100
1000
10000
1
10
100
f = 1 MHz
Ciss
Crss
Coss
VGS = 0 V
0.01
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
Pulsed
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
VF(S-D) - Source to Drain Voltage - V
VGS = 0 V
1
0.1
10
ID - Drain Current - A
1000
100
10
SWITCHING CHARACTERISTICS
VDD = 10 V
VGS = 4.0 V
RG = 10
tr
tf
td (off)
td (on)
1
0
2
3
4
5
04
8
12
QG - Gate Charge - nC
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
ID = 6.0 A
VDD = 16 V
10 V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
Single Pulse
PD (FET1) : PD (FET2) = 1:1
0.01
0.001
0.1
110
1000
100
10
0.1
1
1000
100
Mounted on ceramic board of 50 cm
2 x 1.1 mm
62.5˚C/W
Mounted on FR-4 board of 25 cm
2 x 1.6 mm
125˚C/W


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn