Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA1873 Datasheet(PDF) 3 Page - NEC

Part No. UPA1873
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1873 Datasheet(HTML) 3 Page - NEC

  UPA1873 Datasheet HTML 1Page - NEC UPA1873 Datasheet HTML 2Page - NEC UPA1873 Datasheet HTML 3Page - NEC UPA1873 Datasheet HTML 4Page - NEC UPA1873 Datasheet HTML 5Page - NEC UPA1873 Datasheet HTML 6Page - NEC UPA1873 Datasheet HTML 7Page - NEC UPA1873 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet G15629EJ1V0DS
3
µµµµPA1873
TYPICAL CHARACTERISTICS (TA = 25°C)
30
150
60
90
20
60
80
40
0
100
120
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
0
FORWARD BIAS SAFE OPERATING AREA
10
100
1
VDS - Drain to Source Voltage - V
1000
100
10
1
0.1
0.1
0.01
100
m
s
10
ms
1 ms
ID (DC)
Single Pulse
PD (FET1) : PD (FET2) = 1:1
ID (pulse)
(VGS
= 4.5
V)
RDS(on)
Limited
100
s
µ
PW
= 10
s
µ
DC
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0.2
0
0.8
1.0
0.4
0.6
10
0
25
15
5
20
VGS = 4.5 V
Pulsed
4.0 V
2.5 V
3.1 V
10
1
0.1
0.01
0.001
0.0001
0.00001
0
0.5
1
1.5
2
2.5
100
VGS - Gate to Source Voltage - V
VDS = 10 V
FORWARD TRANSFER CHARACTERISTICS
TA = 125˚C
75˚C
TA = 25˚C
−25˚C
Pulsed
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 10 V
ID = 1mA
−50
50
100
0
150
1.5
1.0
0.5
1
10
100
0.1
VDS = 10 V
ID - Drain Current - A
1.00
10.00
0.10
0.01
0.01
100.00
TA =
−25˚C
FORWARD TRANSFER ADMITTANCE Vs.
DRAIN CURRENT
Pulsed
25˚C
75˚C
125˚C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn