Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA1873 Datasheet(PDF) 2 Page - NEC

Part No. UPA1873
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1873 Datasheet(HTML) 2 Page - NEC

  UPA1873 Datasheet HTML 1Page - NEC UPA1873 Datasheet HTML 2Page - NEC UPA1873 Datasheet HTML 3Page - NEC UPA1873 Datasheet HTML 4Page - NEC UPA1873 Datasheet HTML 5Page - NEC UPA1873 Datasheet HTML 6Page - NEC UPA1873 Datasheet HTML 7Page - NEC UPA1873 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet G15629EJ1V0DS
2
µµµµPA1873
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V10
µA
Gate Leakage Current
IGSS
VGS = ±12 V, VDS = 0 V±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1.0 mA
0.5
1.0
1.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 3.0 A5.0
S
RDS(on)1
VGS = 4.5 V, ID = 3.0 A
13.0
18.0
23.0
m
RDS(on)2
VGS = 4.0 V, ID = 3.0 A
14.0
19.0
24.0
m
RDS(on)3
VGS = 3.1 V, ID = 3.0 A
14.5
21.5
28.0
m
Drain to Source On-state Resistance
RDS(on)4
VGS = 2.5 V, ID = 3.0 A
15.0
24.5
29.0
m
Input Capacitance
Ciss
VDS = 10 V
705
pF
Output Capacitance
Coss
VGS = 0 V
205
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
145
pF
Turn-on Delay Time
td(on)
VDD = 10 V, ID = 3.0 A60
ns
Rise Time
tr
VGS = 4.0 V
310
ns
Turn-off Delay Time
td(off)
RG = 10
380
ns
Fall Time
tf
420
ns
Total Gate Charge
QG
VDD = 16 V9.0
nC
Gate to Source Charge
QGS
VGS = 4.0 V
2.0
nC
Gate to Drain Charge
QGD
ID = 6.0 A4.0
nC
Body Diode Forward Voltage
VF(S-D)
IF = 6.0 A, VGS = 0 V0.84
V
Reverse Recovery Time
trr
IF = 6.0 A, VGS = 0 V
480
ns
Reverse Recovery Charge
Qrr
di/dt = 50 A /
µs
1200
nC
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
τ
PG.
50
D.U.T.
RL
VDD
IG = 2 mA
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn