Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC6946 Datasheet(PDF) 10 Page - Texas Instruments

Part No. TLC6946
Description  16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC6946 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC6946_19 Datasheet HTML 6Page - Texas Instruments TLC6946_19 Datasheet HTML 7Page - Texas Instruments TLC6946_19 Datasheet HTML 8Page - Texas Instruments TLC6946_19 Datasheet HTML 9Page - Texas Instruments TLC6946_19 Datasheet HTML 10Page - Texas Instruments TLC6946_19 Datasheet HTML 11Page - Texas Instruments TLC6946_19 Datasheet HTML 12Page - Texas Instruments TLC6946_19 Datasheet HTML 13Page - Texas Instruments TLC6946_19 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
tr
50%
tsu
th
OUTn
SCLK
(1)
SIN
(1)
tLSW
50%
90%
tf
tw(H)
tw(L)
50%
LAT
(1)
tsu
tr
SOUT
90%
tf
tpd
tsu
10%
50%
GCLK
(1)
50%
n-1
n
(2)
1
tw(L)
tw(H)
tsu
tsu
1
2
n
(2)
th
th
10%
10
TLC6946, TLC6948
SLVSEB3A – JUNE 2018 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: TLC6946 TLC6948
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1) Pulse rise and fall times are 1 ns–3 ns
(2) The last GCLK of each display segment in the sub period
Figure 1. Timing Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn