Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUX36S08 Datasheet(PDF) 16 Page - Texas Instruments

Part # MUX36S08
Description  36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX36S08 Datasheet(HTML) 16 Page - Texas Instruments

Back Button MUX36S08_19 Datasheet HTML 12Page - Texas Instruments MUX36S08_19 Datasheet HTML 13Page - Texas Instruments MUX36S08_19 Datasheet HTML 14Page - Texas Instruments MUX36S08_19 Datasheet HTML 15Page - Texas Instruments MUX36S08_19 Datasheet HTML 16Page - Texas Instruments MUX36S08_19 Datasheet HTML 17Page - Texas Instruments MUX36S08_19 Datasheet HTML 18Page - Texas Instruments MUX36S08_19 Datasheet HTML 19Page - Texas Instruments MUX36S08_19 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
D
VS
VD
A
A
ID (OFF)
Is (OFF)
S
V
D
VS
ICH
S
16
MUX36S08, MUX36D04
SBOS705D – JANUARY 2016 – REVISED FEBURARY 2019
www.ti.com
Product Folder Links: MUX36S08 MUX36D04
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
8.2 On-Resistance
The on-resistance of the MUX36xxx is the ohmic resistance across the source (Sx, SxA, or SxB) and drain (D,
DA, or DB) pins of the device. The on-resistance varies with input voltage and supply voltage. The symbol RON is
used to denote on-resistance. The measurement setup used to measure RON is shown in Figure 26. Voltage (V)
and current (ICH) are measured using this setup, and RON is computed as shown in Equation 1:
Figure 26. On-Resistance Measurement Setup
RON = V / ICH
(1)
8.3 Off-Leakage Current
There are two types of leakage currents associated with a switch during the off state:
1. Source off-leakage current
2. Drain off-leakage current
Source leakage current is defined as the leakage current flowing into or out of the source pin when the switch is
off. This current is denoted by the symbol IS(OFF).
Drain leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is off.
This current is denoted by the symbol ID(OFF).
The setup used to measure both off-leakage currents is shown in Figure 27
Figure 27. Off-Leakage Measurement Setup


Similar Part No. - MUX36S08_19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX36S08 TI1-MUX36S08_18 Datasheet
1Mb / 41P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
More results

Similar Description - MUX36S08_19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX36S16 TI1-MUX36S16 Datasheet
633Kb / 38P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S16 TI1-MUX36S16_18 Datasheet
1Mb / 47P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S08 TI1-MUX36S08_18 Datasheet
1Mb / 41P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16_17 Datasheet
1Mb / 43P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506 Datasheet
637Kb / 38P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506_17 Datasheet
1Mb / 43P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S08 TI1-MUX36S08 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
TMUX6104 TI1-TMUX6104 Datasheet
435Kb / 26P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, 4:1 Precision Analog Multiplexer
TMUX6119 TI1-TMUX6119 Datasheet
362Kb / 23P
[Old version datasheet]   36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
TMUX6111 TI1-TMUX6111 Datasheet
380Kb / 26P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com