Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUX36S08 Datasheet(PDF) 14 Page - Texas Instruments

Part # MUX36S08
Description  36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX36S08 Datasheet(HTML) 14 Page - Texas Instruments

Back Button MUX36S08_19 Datasheet HTML 10Page - Texas Instruments MUX36S08_19 Datasheet HTML 11Page - Texas Instruments MUX36S08_19 Datasheet HTML 12Page - Texas Instruments MUX36S08_19 Datasheet HTML 13Page - Texas Instruments MUX36S08_19 Datasheet HTML 14Page - Texas Instruments MUX36S08_19 Datasheet HTML 15Page - Texas Instruments MUX36S08_19 Datasheet HTML 16Page - Texas Instruments MUX36S08_19 Datasheet HTML 17Page - Texas Instruments MUX36S08_19 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
0
3
6
9
12
15
18
0
3
6
9
12
Source or Drain Voltage (V)
C022
C
D(OFF)
C
D(ON)
C
S(OFF)
0
3
6
9
12
15
18
0
3
6
9
12
Source or Drain Voltage (V)
C027
C
D(OFF)
C
D(ON)
C
S(OFF)
0
3
6
9
12
15
18
0
5
10
15
20
25
30
Source Voltage (V)
C016
C
D(OFF)
C
D(ON)
C
S(OFF)
0
3
6
9
12
15
18
0
5
10
15
20
25
30
Source or Drain Voltage (V)
C028
C
D(OFF)
C
D(ON)
C
S(OFF)
0
3
6
9
12
15
18
±15
±10
±5
0
5
10
15
Source Voltage (V)
C015
C
D(OFF)
C
D(ON)
C
S(OFF)
0
3
6
9
12
15
18
±15
±10
±5
0
5
10
15
Source or Drain Voltage (V)
C026
C
D(OFF)
C
D(ON)
C
S(OFF)
14
MUX36S08, MUX36D04
SBOS705D – JANUARY 2016 – REVISED FEBURARY 2019
www.ti.com
Product Folder Links: MUX36S08 MUX36D04
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
MUX36S08, VDD = 15 V, VSS = –15 V
Figure 19. Capacitance vs Source Voltage
MUX36D04, VDD = 15 V, VSS = –15 V
Figure 20. Capacitance vs Source Voltage
MUX36S08, VDD = 30 V, VSS = 0 V
Figure 21. Capacitance vs Source Voltage
MUX36D04, VDD = 30 V, VSS = 0 V
Figure 22. Capacitance vs Source Voltage
MUX36S08, VDD = 12 V, VSS = 0 V
Figure 23. Capacitance vs Source Voltage
MUX36D04, VDD = 12 V, VSS = 0 V
Figure 24. Capacitance vs Source Voltage


Similar Part No. - MUX36S08_19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX36S08 TI1-MUX36S08_18 Datasheet
1Mb / 41P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
More results

Similar Description - MUX36S08_19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX36S16 TI1-MUX36S16 Datasheet
633Kb / 38P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S16 TI1-MUX36S16_18 Datasheet
1Mb / 47P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S08 TI1-MUX36S08_18 Datasheet
1Mb / 41P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16_17 Datasheet
1Mb / 43P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506 Datasheet
637Kb / 38P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506_17 Datasheet
1Mb / 43P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S08 TI1-MUX36S08 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
TMUX6104 TI1-TMUX6104 Datasheet
435Kb / 26P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, 4:1 Precision Analog Multiplexer
TMUX6119 TI1-TMUX6119 Datasheet
362Kb / 23P
[Old version datasheet]   36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
TMUX6111 TI1-TMUX6111 Datasheet
380Kb / 26P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com