Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA1872B Datasheet(PDF) 4 Page - NEC

Part No. UPA1872B
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1872B Datasheet(HTML) 4 Page - NEC

  UPA1872B Datasheet HTML 1Page - NEC UPA1872B Datasheet HTML 2Page - NEC UPA1872B Datasheet HTML 3Page - NEC UPA1872B Datasheet HTML 4Page - NEC UPA1872B Datasheet HTML 5Page - NEC UPA1872B Datasheet HTML 6Page - NEC UPA1872B Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet G16742EJ1V0DS
4
µ PA1872B
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
10
20
30
40
0
0.1
0.2
0.3
0.4
0.5
Pulsed
2.5 V
VGS = 4.5 V
4.0 V
3.1 V
VDS - Drain to Source Voltage - V
0.001
0.01
0.1
1
10
100
0.51
1.522.5
VDS = 10.0 V
Pulsed
TA = 125°C
75°C
25°C
−25°C
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
0.5
1
1.5
-50
0
50
100
150
VDS = 10.0 V
ID = 1.0 mA
Tch - Channel Temperature -
°C
0.1
1
10
100
0.01
0.1
1
10
VDS = 10.0 V
Pulsed
TA =
−25°C
25°C
75°C
125°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
0
10
20
30
40
0.1
1
10
100
VGS = 4.5 V
Pulsed
TA = 125°C
75°C
25°C
−25°C
ID - Drain Current - A
0
10
20
30
40
0.1
1
10
100
TA = 125°C
75°C
25°C
−25°C
VGS = 4.0 V
Pulsed
ID - Drain Current - A


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn