Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA1872B Datasheet(PDF) 3 Page - NEC

Part No. UPA1872B
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1872B Datasheet(HTML) 3 Page - NEC

  UPA1872B Datasheet HTML 1Page - NEC UPA1872B Datasheet HTML 2Page - NEC UPA1872B Datasheet HTML 3Page - NEC UPA1872B Datasheet HTML 4Page - NEC UPA1872B Datasheet HTML 5Page - NEC UPA1872B Datasheet HTML 6Page - NEC UPA1872B Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Data Sheet G16742EJ1V0DS
3
µ PA1872B
TYPICAL CHARACTERISTICS (TA = 25°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
TA - Ambient Temperature -
°C
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
175
Mounted on ceramic board of
50 cm
2 x 1.1 mm, 2 units
Mounted on FR-4 board of
25 cm
2 x 1.6 mm, 2 units
TA - Ambient Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
0.01
0.1
1
10
100
1000
0.1
1
10
100
100 ms
10 ms
ID(DC)
PW = 10
µs
RDS(on) Limited
(at VGS = 4.5 V)
Single pulse
Mounted on ceramic board of
50 cm2 x 1.1 mm
PD (FET1) : PD (FET2) = 1:1
DC (2units)
1 ms
100
µs
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.1
1
10
100
1000
Mounted on ceramic board of
50 cm
2 x 1.1 mm
Single pulse
PD (FET1) : PD (FET2) = 1:1
Mounted on FR-4 board of
25 cm
2 x 1.6 mm
PW - Pulse Width - s
1 m
10 m
100 m
1
10
100
1000


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn