Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QTHA-BLB0-2F-2F Datasheet(PDF) 1 Page - Ralston Instruments.

Part No. QTHA-BLB0-2F-2F
Description  Keep a calibration system pressurized
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RALSTON [Ralston Instruments.]
Homepage  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

QTHA-BLB0-2F-2F Datasheet(HTML) 1 Page - Ralston Instruments.

  QTHA-BLB0-2F-2F_19 Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
QTHA-BLB0-2F-2F
Block & bleed valve - 1/4" female NPT inlet x 1/4" female
NPT outlet, brass
Keep a calibration system pressurized with a
fluid or gas while venting the pressure from
the device being calibrated
QTHA-BLB0-2F-2F
Specs/Attributes
Country of origin
USA
Has Block Valve
Yes
Has Vent Valve
Yes
Materials
Brass
Max Pressure
3000 PSI / 205 bar / 21 MPa
Max Temperature
225 °F / 105 °C
Max Vacuum
0.00 InHg / 0.0 kPa
Min Temperature
0 °F / -18 °C
Seal Materials
Buna-N, Delrin, Teflon
Dimensions
H: 3.57 in (9.07 cm) x W: 2.31 in (5.87 cm)


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn