Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM66101 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM66101
Description  OLMS-66K Series 16-Bit Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66101 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM66101 Datasheet HTML 1Page - OKI electronic componets MSM66101 Datasheet HTML 2Page - OKI electronic componets MSM66101 Datasheet HTML 3Page - OKI electronic componets MSM66101 Datasheet HTML 4Page - OKI electronic componets MSM66101 Datasheet HTML 5Page - OKI electronic componets MSM66101 Datasheet HTML 6Page - OKI electronic componets MSM66101 Datasheet HTML 7Page - OKI electronic componets MSM66101 Datasheet HTML 8Page - OKI electronic componets MSM66101 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1/28
¡ Semiconductor
MSM66101
¡ Semiconductor
MSM66101
OLMS-66K Series 16-Bit Microcontroller
GENERAL DESCRIPTION
The MSM66101 is a high performance microcontroller that employs OKI original nX-8/100 CPU
core. This chip includes a 16-bit CPU, ROM, RAM, I/O ports, multifunction 16-bit timers, 10-
bit A/D converter, serial I/O port, and pulse width modulator (PWM).
FEATURES
• 64K address space for program memory
:
Internal ROM : 12K bytes
• 64K address space for data memory
:
Internal RAM : 384 bytes
• High-speed execution
Minimum cycle for instruction
:
400ns @ 10MHz
• Powerful instruction set
:
Instruction set superior in orthogonal matrix
8/16-bit data transfer instructions
8/16-bit arithmetic instructions
Multiplication and division operation
instructions
Bit manipulation instructions
Bit logic instrucitons
ROM table reference instructions
• Abundant addressing modes
:
Register addressing
Page addressing
Pointing register indirect addressing
Stack addressing
Immediate value addressing
• I/O port
Input-output port
:
5 ports ¥ 8 bits
(Each bit can be assigned to input or output)
Input port
:
1 port ¥ 8 bits
• Built-in multifunctional 16-bit timer
:
2
Following 4 modes can be set for each timer :Auto-reload timer mode
Clock output mode
Capture register mode
Real time output mode
• Serial port
:
1 channel (UART mode with baud rate
generator)
• 12-bit pulse width modulator
:
2
• Watchdog timer
• Transition detector
:
4
• 10-bit A/D converter
:
8 channels
• Interrupts
Nonmaskable
:
1
Maskable
:
Internal 10/external 2
• Stand-by function
STOP mode
:
Software clock stop mode
HALT mode
:
Software CPU stop mode
HOLD mode
:
Hardware CPU stop mode
E2E1026-27-Y4
This version: Jan. 1998
Previous version: Nov. 1996


Similar Part No. - MSM66101

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6606 OKI-MSM6606 Datasheet
132Kb / 18P
   80-DOT LCD DRIVER WITH KEY MATRIX
MSM66201 OKI-MSM66201 Datasheet
579Kb / 30P
   OLMS-66K Series 16-Bit Microcontroller
MSM66207 OKI-MSM66207 Datasheet
579Kb / 30P
   OLMS-66K Series 16-Bit Microcontroller
MSM66207 OKI-MSM66207 Datasheet
621Kb / 33P
   OKI ORIGINAL HIGH PERFORMANCE CMOS SINGLE CHIP 8/16-BIT MICROCONTROLLER
MSM6636 OKI-MSM6636 Datasheet
109Kb / 11P
   SAE-J1850 Communication Protocol Conformity Transmission Controller for Automotive LAN
More results

Similar Description - MSM66101

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66201 OKI-MSM66201 Datasheet
579Kb / 30P
   OLMS-66K Series 16-Bit Microcontroller
MSM66507 OKI-MSM66507 Datasheet
276Kb / 24P
   OLMS-66K Series 16-Bit Microcontroller
MSM66509 OKI-MSM66509 Datasheet
284Kb / 24P
   OLMS-66K Series 16-Bit Microcontroller
MSM66589 OKI-MSM66589 Datasheet
264Kb / 27P
   OLMS-66K Series CMOS 16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com