Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA1806 Datasheet(PDF) 5 Page - NEC

Part No. UPA1806
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

UPA1806 Datasheet(HTML) 5 Page - NEC

  UPA1806 Datasheet HTML 1Page - NEC UPA1806 Datasheet HTML 2Page - NEC UPA1806 Datasheet HTML 3Page - NEC UPA1806 Datasheet HTML 4Page - NEC UPA1806 Datasheet HTML 5Page - NEC UPA1806 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet G16248EJ1V0DS
5
µµµµPA1806
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
4
8
12
16
20
0.01
0.1
1
10
100
Pulsed
4.5 V
10 V
VGS = 4.0 V
ID - Drain Current - A
100
1000
10000
0.1
1
10
100
VGS = 0 V
f = 1.0 M Hz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
1
10
100
1000
10000
0.01
0.1
1
10
100
VDD = 15 V
VGS = 10 V
RG = 10
td(off)
td(on)
tf
tr
ID - Drain Current - A
0.01
0.1
1
10
100
0.5
0.6
0.7
0.8
0.9
1
VGS = 0 V
Pulsed
VF(S-D) - Source to Drain Voltage - V
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
0
2
4
6
8
10
0
5
10
15
20
25
30
ID = 13 A
VDD = 24 V
15 V
6.0 V
QG - Gate Charge - nC


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn