Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA1806 Datasheet(PDF) 2 Page - NEC

Part No. UPA1806
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

UPA1806 Datasheet(HTML) 2 Page - NEC

  UPA1806 Datasheet HTML 1Page - NEC UPA1806 Datasheet HTML 2Page - NEC UPA1806 Datasheet HTML 3Page - NEC UPA1806 Datasheet HTML 4Page - NEC UPA1806 Datasheet HTML 5Page - NEC UPA1806 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet G16248EJ1V0DS
2
µµµµPA1806
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1.0
µA
Gate Leakage Current
IGSS
VGS =
±20 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1.0 mA
1.5
2.0
2.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 6.0 A
9.0
18
S
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 6.0 A
6.9
8.5
m
RDS(on)2
VGS = 4.5 V, ID = 6.0 A
8.6
11.5
m
RDS(on)3
VGS = 4.0 V, ID = 6.0 A
9.6
13
m
Input Capacitance
Ciss
VDS = 10 V
1460
pF
Output Capacitance
Coss
VGS = 0 V
570
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
200
pF
Turn-on Delay Time
td(on)
VDD = 15 V, ID = 6.0 A
18
ns
Rise Time
tr
VGS = 10 V
14
ns
Turn-off Delay Time
td(off)
RG = 10
58
ns
Fall Time
tf
19
ns
Total Gate Charge
QG
VDD = 24 V
28
nC
Gate to Source Charge
QGS
VGS = 10 V
4.1
nC
Gate to Drain Charge
QGD
ID = 13 A
7.5
nC
Body Diode Forward Voltage
VF(S-D)
IF = 13 A, VGS = 0 V
0.82
V
Reverse Recovery Time
trr
IF = 13 A, VGS = 0 V
38
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs33
nC
TEST CIRCUIT 1 SWITCHING TIME
TEST CIRCUIT 2 GATE CHARGE
PG.
50
D.U.T.
RL
VDD
IG = 2 mA
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
VGS
Wave Form
ID
Wave Form
VGS
10%
90%
VGS
10%
0
ID
90%
90%
td(on)
tr td(off)
tf
10%
τ
ID
0
ton
toff


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn