Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GRS-2011-2002 Datasheet(PDF) 2 Page - CW Industries

Part No. GRS-2011-2002
Description  2000 Series Maintained Action Full Size Rocker Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CWIND [CW Industries]
Direct Link  http://www.cwind.com
Logo CWIND - CW Industries

GRS-2011-2002 Datasheet(HTML) 2 Page - CW Industries

  GRS-2011-2002 Datasheet HTML 1Page - CW Industries GRS-2011-2002 Datasheet HTML 2Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1 Additional ratings may be available, contact us for more information.
2 Due to ongoing advancements, additional agency certifications may be available, contact us for more information.
Compliance
.
Rocker Knob
Nylon 94V-2
Housing
Nylon 94V-2
Terminal & Moving Contact
Copper Alloy or
Copper Alloy Silver Plated
Endurance:
100,000 cycles, no load, minimum
25,000 cycles at rated load minimum
Contact Resistance:
Less than 0.01 Ω at 10 mA
Operating Temperature:
From -20ºC to 105ºC maximum.
Consult factory for higher or lower temperature ranges.
High Voltage Dielectric Withstanding Voltage:
2,500 V, 60 Hz for 1 minute between mounting surface and circuit connections (min.)
Relative Humidity:
Insulation resistance > 103 MΩ after 100 hours at 95% R.H. and 50ºC followed by 1 hour dry at ambient room conditions
Operating Standards described herein are general specifications that vary depending on the switch construction specified and end application.
Contact us for specifications for specific models. Specifications subject to change without notice.
Materials
Operating Standards
3/21/2019 | Page 2 of 2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn