Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXGL2014 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FXGL2014
Description  4-Channel LVTTL to GTL Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXGL2014 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FXGL2014 Datasheet HTML 6Page - ON Semiconductor FXGL2014 Datasheet HTML 7Page - ON Semiconductor FXGL2014 Datasheet HTML 8Page - ON Semiconductor FXGL2014 Datasheet HTML 9Page - ON Semiconductor FXGL2014 Datasheet HTML 10Page - ON Semiconductor FXGL2014 Datasheet HTML 11Page - ON Semiconductor FXGL2014 Datasheet HTML 12Page - ON Semiconductor FXGL2014 Datasheet HTML 13Page - ON Semiconductor FXGL2014 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.onsemi.com
© 2016 Semiconductor Components Industries, LLC
FXGL2014
• Rev.
2
10
Waveforms
VM = 1.5 V at VCC ≥ 3.0 V; VM = VCC at VCC ≤ 2.7 V for A ports and control pins.
VM = VREF for B ports.
3.0V
VM
VM
tP
0V
VM = 1.5V for A port and VREF for B port
Pulse duration
Input
Output
1.5V
VREF
tPHL
tPLH
1.5V
VREF
3V
0V
VTT
VOL
A port to B port
Propagation delay times
Input
Output
1.5V
VREF
tPHL
tPLH
1.5V
VREF
VOH
0V
VTT
VOL
B port to A port
Propagation delay times
Figure 7.
Voltage Waveforms
A. All control inputs are LVTTL levels.
B. CL includes probe and jig capacitance.
C. All input pulses are supplied by generators having the following characteristics: PRR≤ 10 MHz, ZO = 50 Ω, tr
2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.


Similar Description - FXGL2014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL2014 TI1-SN74GTL2014 Datasheet
891Kb / 20P
[Old version datasheet]   4-Channel LVTTL to GTL Transceiver
logo
Pericom Semiconductor C...
PI4GTL2014 PERICOM-PI4GTL2014 Datasheet
376Kb / 10P
   4-bit LVTTL to GTL transceiver
logo
NXP Semiconductors
GTL2014 PHILIPS-GTL2014 Datasheet
85Kb / 15P
   4-bit LVTTL to GTL transceiver
Rev. 01-19 May 2005
logo
Nuvoton Technology Corp...
NCT5914W NUVOTON-NCT5914W Datasheet
344Kb / 13P
   4-bit LVTTL to GTL transceiver
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL2018 NXP-GTL2018 Datasheet
94Kb / 14P
   8-bit LVTTL to GTL transceiver
Rev. 01-15 February 2007
GTL2012 NXP-GTL2012 Datasheet
98Kb / 14P
   2-bit LVTTL to GTL transceiver
Rev. 01-9 August 2007
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com