Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
UPA1603 Datasheet(PDF) 4 Page - NEC
Part No.
UPA1603
Description
COMPOUND
FIELD
EFFECT
POWER
TRANSISTOR
Download
8 Pages
Scroll/Zoom
100%
Maker
NEC [NEC]
Homepage
http://www.nec.com/
Logo
UPA1603 Datasheet(HTML) 4 Page - NEC
zoom in
zoom out
4
/ 8 page
Html Pages
1
2
3
4
5
6
7
8
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
UPA1602
COMPOUND
FIELD
EFFECT
POWER
TRANSISTOR
1
2
3
4
5
More
NEC
MTD10N10EL
TMOS
E-FET
Power
Field
Effect
Transistor
DPAK
for
Surface
Mount
1
2
3
4
5
More
ON Semiconductor
MTW8N50E
TMOS
E
FET
POWER
FIELD
EFFECT
TRANSISTOR
1
2
Motorola, Inc
MTW6N60E
Power
Field
Effect
Transistor
N-Channel
Enhancement-Mode
Silicon
Gate
1
2
Motorola, Inc
CJU03N25
POWER
FIELD
EFFECT
TRANSISTOR
1
2
3
4
List of Unclassifed Manufacturers
MTE50N45
POWER
FIELD
EFFECT
TRANSISTOR
N-CHANNEL
ENHANCEMENT
MODE
SILICON
GATE
TMOS
1
2
3
4
5
More
Motorola, Inc
H03N60
N-Channel
Power
Field
Effect
Transistor
1
2
3
4
5
Hi-Sincerity Mocroelectronics
MAPLST2122-030CF
RF
Power
Field
Effect
Transistor
LDMOS
2110
-
2170
MHz
30W
28V
1
2
3
4
5
Tyco Electronics
2SK736
N-CHANNEL
MOS
FIELD
EFFECT
POWER
TRANSISTOR
1
2
3
NEC
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn