Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GR1500JT17-263 Datasheet(PDF) 7 Page - GeneSiC Semiconductor, Inc.

Part # GR1500JT17-263
Description  OFF Silicon CarbideJunction Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GR1500JT17-263 Datasheet(HTML) 7 Page - GeneSiC Semiconductor, Inc.

  GR1500JT17-263 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GR1500JT17-263 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GR1500JT17-263 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GR1500JT17-263 Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GR1500JT17-263 Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. GR1500JT17-263 Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. GR1500JT17-263 Datasheet HTML 7Page - GeneSiC Semiconductor, Inc. GR1500JT17-263 Datasheet HTML 8Page - GeneSiC Semiconductor, Inc. GR1500JT17-263 Datasheet HTML 9Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
GR1500JT17-263
Apr 2016
Latest version of this datasheet at: http://www.genesicsemi.com/commercial-sic/sic-junction-transistors/
Pg 7 of 8
B: Proportional Gate Current Driving
For applications in which the GR1500JT17-263 will operate over a wide range of drain current conditions, it may be beneficial to drive the
device using a proportional gate drive topology to optimize gate drive power consumption. A proportional gate driver relies on instantaneous
drain current ID feedback to vary the steady state gate current IG,steady supplied to the GR1500JT17-263
Voltage Controlled Proportional Driver
The voltage controlled proportional driver relies on a gate drive IC to detect the GR1500JT17-263 drain-source voltage VDS during on-state to
sense ID. The gate drive IC will then increase or decrease IG,steady in response to ID. This allows IG,steady, and thus the gate drive power
consumption, to be reduced while ID is relatively low or for IG,steady to increase when is ID higher. A high voltage diode connected between the
drain and sense protects the IC from high-voltage when the driver and GR1500JT17-263 are in off-state. A simplified version of this topology
is shown in Figure 14, additional information will be available in the future at http://www.genesicsemi.com/commercial-sic/sic-junction-
transistors/
Figure 14: Simplified Voltage Controlled Proportional Driver
Current Controlled Proportional Driver
The current controlled proportional driver relies on a low-loss transformer in the drain or source path to provide feedback ID of the
GR1500JT17-263 during on-state to supply IG,steady into the device gate. IG,steady will then increase or decrease in response to ID at a fixed forced
current gain which is set be the turns ratio of the transformer, h
force = ID / IG = N2 / N1
. GR1500JT17-263 is initially turned-on using a gate current
pulse supplied into an RC drive circuit to allow ID current to begin flowing. This topology allows IG,steady, and thus the gate drive power
consumption, to be reduced while ID is relatively low or for IG,steady to increase when is ID higher. A simplified version of this topology is shown in
Figure 15, additional information will be available in the future at http://www.genesicsemi.com/commercial-sic/sic-junction-transistors/.
Figure 15: Simplified Current Controlled Proportional Driver


Similar Part No. - GR1500JT17-263

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GR1500JT17-247 GENESIC-GR1500JT17-247 Datasheet
591Kb / 9P
   OFF Silicon CarbideJunction Transistor
More results

Similar Description - GR1500JT17-263

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GR1500JT12-247 GENESIC-GR1500JT12-247 Datasheet
589Kb / 9P
   OFF Silicon CarbideJunction Transistor
GR1500JT12-263 GENESIC-GR1500JT12-263 Datasheet
633Kb / 9P
   OFF Silicon CarbideJunction Transistor
GR1500JT17-247 GENESIC-GR1500JT17-247 Datasheet
591Kb / 9P
   OFF Silicon CarbideJunction Transistor
GA10JT12-263 GENESIC-GA10JT12-263_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA10SICP12-263 GENESIC-GA10SICP12-263_15 Datasheet
1Mb / 13P
   OFF Silicon Carbide Junction Transistor
GA20JT12-247 GENESIC-GA20JT12-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA100JT12-227 GENESIC-GA100JT12-227_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA50JT17-247 GENESIC-GA50JT17-247_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA05JT12-263 GENESIC-GA05JT12-263_15 Datasheet
1Mb / 12P
   OFF Silicon Carbide Junction Transistor
GA50JT12-CAL GENESIC-GA50JT12-CAL_16 Datasheet
2Mb / 12P
   OFF Silicon Carbide Junction Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com