Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CE1N2R Datasheet(PDF) 2 Page - NEC

Part No. CE1N2R
Description  on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

CE1N2R Datasheet(HTML) 2 Page - NEC

  CE1N2R Datasheet HTML 1Page - NEC CE1N2R Datasheet HTML 2Page - NEC CE1N2R Datasheet HTML 3Page - NEC CE1N2R Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet D10846EJ2V0DS
2
CE1N2R
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Colletor to emitter voltage
VCEO(SUS)
IC = 2.0 A, IB = 5.0 mA, L = 6.0 mH
50
60
V
Collector cutoff current
ICBO
VCB = 40 V, IE = 0
100
nA
DC current gain
hFE1 **
VCE = 5.0 V, IC = 0.2 A
700
1200
DC current gain
hFE2 **
VCE = 5.0 V, IC = 1.0 A
1000
1700
3000
DC current gain
hFE3 **
VCE = 5.0 V, IC = 2.0 A
500
1300
Low level output voltage
VOL **
VI = 5.0 V, IC = 0.5 A
0.12
0.3
V
Low level input voltage
VIL **
VCE = 12 V, IC = 100
µA
0.43
0.4
V
Input resistance
R1
476
680
884
E-to-B resistance
R2
7.0
10.0
13.0
k
Turn-on time
ton
0.4
µs
Storage time
tstg
1.4
µs
Fall time
tf
IC = 1.0 A
IBI =
−IB2 = 10 mA
VCC = 20 V, RL = 20
0.5
µs
** Pulse test PW
≤ 350
µs, duty cycle ≤ 2 %
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC sales representative.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn