Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBLC03C Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part No. GBLC03C
Description  Ultra Low Capacitance Transient Voltage Suppressor Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Homepage  http://www.thinkisemi.com
Logo 

GBLC03C Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pb Free Plating Product
GBLC03C/GBLC05C/GBLC08CG/GBLC12C/GBLC15C/GBLC24C
Pb
Ultra Low Capacitance Transient Voltage Suppressor Arrays
MBRF20100CT thru MBRF20200CT
GBLC03C thru GBLC24C
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/4
Rev.09T
APPLICATION
PRODUCT FEATURE
SOD-323
Internal Configuration
 Small SOD-323 Package
 Bi-directional Configurations
 Peak Power Dissipation 350W @8 x 20 us Pulse
 Low Leakage
 Fast Response Time < 5 ns
 Protects One Power or I/O Port
 ESD Protection to IEC 61000-4-2 Level 4,15KV(Air), 8KV(Contanct)
 ESD Protection to IEC 61000-4-2 Level 4, 30A
 16KV Human Body Model ESD Requirements
 RoHS Compliant in Lead-Free Versions
 Cell Phone Handsets and Accessories
 Microprocessor Based Equipment
 Personal Digital Assistant (PDA)
 Notebooks, Desktops, and Servers
 Portable Instrumentation
 USB Interface
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Peak Power Dissipation (Note 1.) @TL = 25°C
PPK
350
W
IEC 61000-4-2 (ESD)
Air
CONTACT
±15
±8.0
KV
KV
IEC 61000-4-4 (EFT)
30
A
ESD Voltage
Per Human Body Model
VPP
16
KV
Storage Temperature Range
TSTG
-55 to 150
°C
Operating Junction Temperature Range
TJ
-55 to 150
°C
1.
8 X 20 us, non
–repetitive
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Device
VRWM
(V)
IR(uA)
@ VRWM
VBR (V) @ IT
(Note 2)
IT(mA)
Vc(V)
@Ip=1A
Vc(V)
@Ipp
C
(pF)
Max
Max
Min
Max
Max
TYP
GBLC03C
3.0
20.0
4.0
1.0
5.15
13.9@8A
1.2
GBLC05C
5.0
5.0
6.0
1.0
9.80
18.3@8A
1.2
GBLC08C
8.0
5.0
8.5
1.0
13.40
18.5@8A
1.2
GBLC12C
12.0
1.0
13.3
1.0
19.00
28.6@6A
1.2
GBLC15C
15.0
1.0
16.7
1.0
24.00
31.8@5A
1.2
GBLC24C
24.0
1.0
26.7
1.0
43.00
56.0@3A
1.2
*Surge current waveform per Figure 1.
2. VBR is measured with a pulse test current IT at an ambient temperature of 25℃


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn