Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WWSS1332W Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. WWSS1332W
Description  WorkWise Wall-Mounted Workstation, Single Display
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

WWSS1332W Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
WorkWise Wall-Mounted Workstation, Single
Display
MODEL NUMBER: WWSS1332W
Wall-mounted workstation transforms your desk space into an ergonomic sit-stand area without modifying
the work surface.
Features
Enjoy the Benefits of Standing During Your Workday
This WorkWise™ sit-stand workstation mounts to the wall using the included hardware, allowing you to
enjoy the benefits of better workplace ergonomics. Standing for part of the day can help increase
metabolism, improve alertness and productivity, reduce fatigue and decrease the risk of repetitive stress
injuries. Ideal for home, school or office use, the WWSS1332W lets you sit or stand with 19.5 inches of
single-motion height extension.
Easy to Adjust to Your Liking With a Single Touch
Just one touch is all it takes to adjust your wall-mounted workstation’s angles and heights to fit your
comfort level. All sections move together for smooth transitions between sitting and standing modes. The
full-motion arm swivels from -90° to +90° to give you plenty of flexibility in minimizing glare and providing
comfortable viewing. It also rotates 360 degrees for viewing in portrait or landscape orientation. Increase
or decrease tension using the included hex key to compensate for heavier or lighter loads.
VESA-Compliant Mount Supports Up to 17.6 lb.
The VESA-compliant single-arm mount fits most flat-panel monitors, televisions and other displays from
13 to 32 inches. It’s compatible with 75 x 75 mm and 100 x 100 mm VESA mounting-hole patterns.
Extra-Large Keyboard Tray Holds the Most Popular Models
The large keyboard tray, with soft padded wrist rest, measures 26.2 x 10.2 inches and flips up to save
space when not in use. A secondary surface is ideal for telephones, fans and other desk accessories.
5-Year Warranty and Environmentally Responsible Design
The WWSS1332W sit-stand workstation comes with a 5-year warranty. It’s manufactured in compliance
with strict RoHS specifications, reflecting Tripp Lite’s commitment to environmental responsibility.
Highlights
Mounts firmly to wall to leave
valuable desk or table space
clear
q
Adjusts to fit wide range of flat-
screen monitors from 13 to 32
in.
q
Keyboard tray with padded wrist
rest flips up when not in use to
conserve workspace
q
Monitor swivels from -90° to
+90° and rotates 360° to
customize the ideal viewing
angle
q
Includes necessary mounting
hardware so you can start
installation immediately
q
Applications
Transform your work area into a
sit-stand environment to reap
the health benefits of standing
for part of your workday
q
Package Includes
Bracket arm
q
Support mast
q
Keyboard shelf
q
(2) Decorative covers
q
Hex key, 4 mm
q
Hex key, 6 mm
q
Mounting hardware
q
Owner’s manual
q
OVERVIEW
1 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn