Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WWSS1332W Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part No. WWSS1332W
Description  WorkWise Wall-Mounted Workstation, Single Display
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

WWSS1332W Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
UPC Code
037332212740
PHYSICAL
Unit Dimensions (hwd / in.)
26.2 x 31.1 x 37.6
Unit Weight (lbs.)
19.9
Unit Weight (kg)
9.03
Material of Construction
Steel and plastic
Color
Black
VESA Pattern (mm)
75x75; 100x100
Motion
Full Motion/Rotate
Degrees of Motion
180 swivel and 360 rotate
Maximum Weight Capacity (lbs.)
17.6
Maximum Weight Capacity (kg)
8
Minimum Screen Size (in.)
13
Maximum Screen Size (in.)
32
Minimum Screen Size (cm)
33.02
Maximum Screen Size (cm)
81.28
Number of Displays
1
FEATURES & SPECIFICATIONS
Tools Necessary
Yes
Cord Management
No
WARRANTY
Product Warranty Period
(Worldwide)
5-year limited warranty
2 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn