Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P314-012 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. P314-012
Description  3.5mm Mini Stereo to 2-RCA Audio Y Splitter Adapter Cable (3.5mm M to 2x RCA M), 12-ft.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P314-012 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P314-012 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P314-012 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
3.5mm Mini Stereo to 2-RCA Audio Y Splitter
Adapter Cable (3.5mm M to 2x RCA M), 12-ft.
MODEL NUMBER: P314-012
Description
12-ft. audio Y splitter/adapter cable. This cable has a 3.5mm plug on one end and two RCA plugs on the
other. Enables a PC sound card, portable CD player, MP3 player, iPod®, or any audio device with a
3.5mm mini-stereo jack to connect to an audio device with RCA audio inputs.
Features
Molded cables with built-in strain relief
q
3.5mm (male) to (2x) RCA (male)
q
Highlights
Audio Cable Y Adapter 3.5mm-
M/(2)RCA-M - 12'
q
Connect a device with a 3.5mm
jack to a sound system with
RCA inputs
q
Perfect for your PC, notebook
MP3 player or iPod®
q
Molded cable with built-in strain
relief
q
Package Includes
12-ft. Audio Y Splitter Adapter
3.5MM Plug/2 RCA Plugs
q
OVERVIEW
UPC Code
037332012159
INPUT
Cable Length (ft.)
12
Cable Length (m)
3.7
PHYSICAL
Shipping Dimensions (hwd / in.)
7.00 x 9.00 x 0.50
Shipping Dimensions (hwd / cm)
17.78 x 22.86 x 1.27
Shipping Weight (lbs.)
0.16
Shipping Weight (kg)
0.07
1 / 2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn