Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT01 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMT01
Description  radiation hardened 2-pin precision digital output temperature sensor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT01 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMT01 Datasheet HTML 7Page - Texas Instruments LMT01 Datasheet HTML 8Page - Texas Instruments LMT01 Datasheet HTML 9Page - Texas Instruments LMT01 Datasheet HTML 10Page - Texas Instruments LMT01 Datasheet HTML 11Page - Texas Instruments LMT01 Datasheet HTML 12Page - Texas Instruments LMT01 Datasheet HTML 13Page - Texas Instruments LMT01 Datasheet HTML 14Page - Texas Instruments LMT01 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
PC
Temp
256 C
50 C
4096
§
·
u
q
q
¨
¸
©
¹
Power
Off
54ms
max
Pulse
Train
Start of next
conversion result data
50ms max
End of data
Power
Start of data
transmission
End of data
104ms max
50ms max
Power
ON
11
LMT01-SP
www.ti.com
SNIS205 – JANUARY 2019
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 19. Temperature to Digital Pulse Train Timing Cycle
7.3.2 Output Transfer Function
The LMT01-SP outputs at minimum 1 pulse and a theoretical maximum 4095 pulses. Each pulse has a weight of
0.0625°C. One pulse corresponds to a temperature less than –50°C while a pulse count of 4096 corresponds to
a temperature greater than 200°C. Note that the LMT01-SP is only ensured to operate up to 125°C, but is
functional up to 150°C. Exceeding this temperature by more than 5°C may damage the device. The accuracy of
the device degrades as well when 125°C is exceeded.
Two different methods of converting the pulse count to a temperature value are discussed in this section. The
first method is the least accurate and uses a first order equation, and the second method is the most accurate
and uses linear interpolation of the values found in the look-up table (LUT) as described in Electrical
Characteristics - Pulse Count to Temperature LUT.
The output transfer function appears to be linear and can be approximated by Equation 1:
where
PC is the Pulse Count
Temp is the temperature reading
(1)
Table 1 shows some sample calculations using Equation 1.
Table 1. Sample Calculations Using Equation 1
TEMPERATURE (°C)
NUMBER OF PULSES
–49.9375
1
–49.875
2
–40
160
–20
480
0
800
30
1280
50
1600
100
2400
150
3200


Similar Part No. - LMT01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT01 TI-LMT01 Datasheet
974Kb / 27P
[Old version datasheet]   0.5째C Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01 Datasheet
1,017Kb / 28P
[Old version datasheet]    Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01 Datasheet
1Mb / 39P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01 Datasheet
756Kb / 23P
[Old version datasheet]   radiation hardened 2-pin precision digital output temperature sensor
More results

Similar Description - LMT01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT01-SP TI1-LMT01-SP_19 Datasheet
756Kb / 23P
[Old version datasheet]   radiation hardened 2-pin precision digital output temperature sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
   Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
   Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
Texas Instruments
LMT01-Q1 TI1-LMT01-Q1 Datasheet
1,017Kb / 28P
[Old version datasheet]    Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01-Q1 TI1-LMT01-Q1_17 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01_17 Datasheet
1Mb / 39P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02_14 Datasheet
138Kb / 21P
   Digital Output Temperature Sensor
June, 2014 ??Rev. 12
CAT6095 ONSEMI-CAT6095 Datasheet
268Kb / 18P
   Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com