Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3458-S Datasheet(PDF) 6 Page - NEC

Part # 2SK3458-S
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3458-S Datasheet(HTML) 6 Page - NEC

  2SK3458-S Datasheet HTML 1Page - NEC 2SK3458-S Datasheet HTML 2Page - NEC 2SK3458-S Datasheet HTML 3Page - NEC 2SK3458-S Datasheet HTML 4Page - NEC 2SK3458-S Datasheet HTML 5Page - NEC 2SK3458-S Datasheet HTML 6Page - NEC 2SK3458-S Datasheet HTML 7Page - NEC 2SK3458-S Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet D14755EJ1V0DS
6
2SK3458
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
SINGLE AVALANCHE ENERGY
DERATING FACTOR
0.1
1
10
100
VDD = 150 V
RG = 25
VGS = 20
→ 0 V
Starting Tch = 25°C
EAS = 66.5 mJ
IAS = 6.0 A
L - Inductive Load - H
0
20
40
60
80
100
25
50
75
100
125
150
VDD = 150 V
RG = 25
VGS = 20
→ 0 V
Starting Tch = 25°C
IAS
≤ 6.0 A
Starting Tch - Starting Channel Temperature - °C
100
µ
1 m
10 m
100 m


Similar Part No. - 2SK3458-S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3458-S RENESAS-2SK3458-S Datasheet
249Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3458-S

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com