Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3458 Datasheet(PDF) 1 Page - NEC

Part # 2SK3458
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3458 Datasheet(HTML) 1 Page - NEC

  2SK3458 Datasheet HTML 1Page - NEC 2SK3458 Datasheet HTML 2Page - NEC 2SK3458 Datasheet HTML 3Page - NEC 2SK3458 Datasheet HTML 4Page - NEC 2SK3458 Datasheet HTML 5Page - NEC 2SK3458 Datasheet HTML 6Page - NEC 2SK3458 Datasheet HTML 7Page - NEC 2SK3458 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2000
MOS FIELD EFFECT TRANSISTOR
2SK3458
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No.
D14755EJ1V0DS00 (1st edition)
Date Published
June 2002 NS CP(K)
Printed in Japan
DESCRIPTION
The 2SK3458 is N-channel DMOS FET device that features a
low gate charge and excellent switching characteristics,
designed for high voltage applications such as switching power
supply.
FEATURES
• Low gate charge
QG = 25 nC TYP. (VDD = 450 V, VGS = 10 V, ID = 6.0 A)
• Gate voltage rating ±30 V
• Low on-state resistance
RDS(on) = 2.2
Ω MAX. (VGS = 10 V, ID = 3.0 A)
• Avalanche capability ratings
• Surface mount package available
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
800
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±30
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±6.0
A
Drain Current (pulse)
Note1
ID(pulse)
±24
A
Total Power Dissipation (TA = 25°C)
PT1
1.5
W
Total Power Dissipation (TC = 25°C)
PT2
100
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note2
IAS
6.0
A
Single Avalanche Energy
Note2
EAS
66.5
mJ
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1%
2. Starting Tch = 25°C, VDD = 150 V, RG = 25
Ω, VGS = 20 ¡ 0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3458
TO-220AB
2SK3458-S
TO-262
2SK3458-ZK
TO-263


Similar Part No. - 2SK3458

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3458 KEXIN-2SK3458 Datasheet
44Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK3458 RENESAS-2SK3458 Datasheet
249Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3458-S RENESAS-2SK3458-S Datasheet
249Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3458-ZK RENESAS-2SK3458-ZK Datasheet
249Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3458

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com