Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3456 Datasheet(PDF) 3 Page - NEC

Part # 2SK3456
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3456 Datasheet(HTML) 3 Page - NEC

  2SK3456 Datasheet HTML 1Page - NEC 2SK3456 Datasheet HTML 2Page - NEC 2SK3456 Datasheet HTML 3Page - NEC 2SK3456 Datasheet HTML 4Page - NEC 2SK3456 Datasheet HTML 5Page - NEC 2SK3456 Datasheet HTML 6Page - NEC 2SK3456 Datasheet HTML 7Page - NEC 2SK3456 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D14753EJ1V0DS
3
2SK3456
TYPICAL CHARACTERISTICS (TA = 25°C)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
0
20
30
40
10
10
20
30
5
15
25
35
VGS = 20 V
Pulsed
10 V
FORWARD TRANSFER CHARACTERISTICS
VGS
- Gate to Source Voltage - V
0.001
0.1
0.01
1
10
100
010
515
−50˚C
−25˚C
25˚C
125˚C
75˚C
TA = 150˚C
Pulsed
VDS = 10 V
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 10 V
ID = 1 mA
−50
0
150
50
0
1.0
100
2.0
3.0
4.0
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
1
1
0.1
0.01
10
100
10
100
0.1
−25˚C
25˚C
75˚C
125˚C
TA =
−50˚C
150˚C
VDS = 10 V
Pulsed
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
0
5
0.4
10
15
20
1.2
1.4
0.8
0.2
1.0
0.6
Pulsed
6.0 A
2.4 A
ID = 12 A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
1
0.1
1.5
0.9
0.3
0
1.2
0.6
10
100
Pulsed
VGS = 10 V
20 V


Similar Part No. - 2SK3456

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3456 KEXIN-2SK3456 Datasheet
45Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK3456 RENESAS-2SK3456 Datasheet
238Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3456-S RENESAS-2SK3456-S Datasheet
238Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3456-ZJ RENESAS-2SK3456-ZJ Datasheet
238Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3456

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com