Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3405-ZJ Datasheet(PDF) 4 Page - NEC

Part # 2SK3405-ZJ
Description  SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3405-ZJ Datasheet(HTML) 4 Page - NEC

  2SK3405-ZJ Datasheet HTML 1Page - NEC 2SK3405-ZJ Datasheet HTML 2Page - NEC 2SK3405-ZJ Datasheet HTML 3Page - NEC 2SK3405-ZJ Datasheet HTML 4Page - NEC 2SK3405-ZJ Datasheet HTML 5Page - NEC 2SK3405-ZJ Datasheet HTML 6Page - NEC 2SK3405-ZJ Datasheet HTML 7Page - NEC 2SK3405-ZJ Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D14639EJ2V0DS
4
2SK3405
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
0
−50
4
2
0
50
100
150
8
6
16
18
12
14
10
7.0 V
10 V
VGS = 4.5 V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
1
0
1.5
VSD - Source to Drain Voltage - V
0.5
Pulsed
0.1
0.01
1
10
100
1000
0 V
4.5 V
VGS = 10 V
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
ISD - Diode Forward Current - A
di/dt = 100 A/ s
VGS = 0 V
1
0.1
10
1
10
100
1000
100
µ
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
0
0
10
20
30
40
6
3
9
12
15
18
4
0
8
VDD = 16 V
10 V
4 V
VDS
12
VGS
ID = 48 A
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0.1
100
1000
10000
1
10
100
VGS = 0 V
f = 1 MHz
Coss
Crss
Ciss
SWITCHING CHARACTERISTICS
ID - Drain Current - A
10
1
1
0.1
100
1000
10
100
tf
tr
td(on)
td(off)
VDD = 10 V
VGS = 10 V
RG = 10


Similar Part No. - 2SK3405-ZJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3405-ZJ RENESAS-2SK3405-ZJ Datasheet
576Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3405-ZJ

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3059 NEC-2SK3059 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3112 NEC-2SK3112 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3424 NEC-2SK3424 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3454 NEC-2SK3454 Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK2133 NEC-2SK2133 Datasheet
366Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3404 NEC-2SK3404 Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3467 NEC-2SK3467 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3114 NEC-2SK3114 Datasheet
92Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3295 NEC-2SK3295 Datasheet
71Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com