Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3424 Datasheet(PDF) 2 Page - NEC

Part # 2SK3424
Description  SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3424 Datasheet(HTML) 2 Page - NEC

  2SK3424 Datasheet HTML 1Page - NEC 2SK3424 Datasheet HTML 2Page - NEC 2SK3424 Datasheet HTML 3Page - NEC 2SK3424 Datasheet HTML 4Page - NEC 2SK3424 Datasheet HTML 5Page - NEC 2SK3424 Datasheet HTML 6Page - NEC 2SK3424 Datasheet HTML 7Page - NEC 2SK3424 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D14640EJ2V0DS
2
2SK3424
ELECTRICAL CHARACTERISTICS(TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain Leakage Current
IDSS
VDS = 30 V, VGS = 0 V
10
µA
Gate Leakage Current
IGSS
VGS =
±20 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.5
2.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 24 A
13
S
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 24 A
7.7
11.5
m
RDS(on)2
VGS = 4.5 V, ID = 24 A
10.5
17.0
m
Input Capacitance
Ciss
VDS = 10 V
1900
pF
Output Capacitance
Coss
VGS = 0 V
580
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
270
pF
Turn-on Delay Time
td(on)
VDD = 15 V , ID = 24 A
14
ns
Rise Time
tr
VGS(on) = 10 V
13
ns
Turn-off Delay Time
td(off)
RG = 10
61
ns
Fall Time
tf
22
ns
Total Gate Charge
QG
VDD = 24 V
34
nC
Gate to Source Charge
QGS
VGS = 10 V
6.4
nC
Gate to Drain Charge
QGD
ID = 48 A
9.1
nC
Diode Forward Voltage
VF(S-D)
IF = 48 A, VGS = 0 V
1.0
V
Reverse Recovery Time
trr
IF = 48 A, VGS = 0 V
34
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs
26
nC
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
VGS
Wave Form
VDS
Wave Form
VGS
10%
90%
10%
0
VDS
90%
td(on)
tr
td(off)
tf
τ
0
ton
toff
PG.
50
D.U.T.
RL
VDD
IG = 2 mA


Similar Part No. - 2SK3424

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3424 KEXIN-2SK3424 Datasheet
44Kb / 1P
   MOS Field Effect Transistor
logo
Inchange Semiconductor ...
2SK3424 ISC-2SK3424 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3424 RENESAS-2SK3424 Datasheet
202Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
Guangdong Kexin Industr...
2SK3424-ZJ KEXIN-2SK3424-ZJ Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Inchange Semiconductor ...
2SK3424-ZJ ISC-2SK3424-ZJ Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3424

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3059 NEC-2SK3059 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3112 NEC-2SK3112 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3405 NEC-2SK3405 Datasheet
1Mb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3454 NEC-2SK3454 Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK2133 NEC-2SK2133 Datasheet
366Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3404 NEC-2SK3404 Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3467 NEC-2SK3467 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3114 NEC-2SK3114 Datasheet
92Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3295 NEC-2SK3295 Datasheet
71Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com